Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETE2004 Datasheet(PDF) 34 Page - Texas Instruments

Part # TNETE2004
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TNETE2004_09 Datasheet HTML 30Page - Texas Instruments TNETE2004_09 Datasheet HTML 31Page - Texas Instruments TNETE2004_09 Datasheet HTML 32Page - Texas Instruments TNETE2004_09 Datasheet HTML 33Page - Texas Instruments TNETE2004_09 Datasheet HTML 34Page - Texas Instruments TNETE2004_09 Datasheet HTML 35Page - Texas Instruments TNETE2004_09 Datasheet HTML 36Page - Texas Instruments TNETE2004_09 Datasheet HTML 37Page - Texas Instruments TNETE2004_09 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
34
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
collision-detection timing
COL is asserted for a minimum of 600 ns when transmission and reception of data occur simultaneously. COL
is not active during link_fail or in full-duplex mode. Figure 26 through Figure 29 and the collision-detect timing
table show timing for modes of operation. Operation in all modes is identical except for polarity changes to TXEN
and COL. During a collision, the data output on RXD is not valid received data (or looped-back transmit data)
since the digital PLL is acquiring lock to a different source of incoming data.
collision-detect timing
MIN
TYP
MAX
UNIT
tCOLON
Collision-detect delay
50
ns
tCOLOFF
Collision-off time
325
ns
tCOLON
COL
(see Note A)
RCVP/
RCVN
NOTE A: COL high in mode 1 asserts collision.
tCOLOFF
TXEN
Figure 26. Mode 1 Collision
tCOLON
COL
(see Note A)
RCVP/
RCVN
NOTE A: COL low in mode 2 asserts collision.
tCOLOFF
TXEN
Figure 27. Mode 2 Collision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com