| Electronic Components Datasheet Search |
|
TNETE2004 Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2004 Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 47 page ![]() TNETE2004 MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997 27 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TNETE2004 pin-polarity register – QuadPHY_ppol at 0x16 BYTE 1 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 BYTE 0 0 I N V – C R S I N V – C O L I N V – R X C L K I N V – T X C L K I N V – T X E N R X D – P O L R X C L K – O F F RESERVED Figure 17. TNETE2004 Pin-Polarity Register – QuadPHY_ppol at 0x16 Table 13. TNETE2004 Pin-Polarity Register (QuadPHY_ppol at 0x16) Bit Functions BIT FUNCTION DIRECTION† NO. NAME FUNCTION DIRECTION† 15 INV_CRS Invert carrier sense. When INV_CRS is set to 1, carrier sense is indicated by a low voltage on the appropriate CRSx pin. When INV_CRS is 0, carrier sense is indicated by a high voltage level. R/W 14 INV_COL Invert collision. When INV_COL is set to 1, a collision is indicated by a low voltage on the appropriate COLx pin. When INV_COL is 0, collision is indicated by a high voltage level. R/W 13 INV_RXCLK Invert RXCLK. When INV_RXCLK is set to 1, the MAC samples RXD data on the falling edge of RXCLK. When INV_RXCLK is 0, data is sampled on the rising edge of RXCLK. R/W 12 INV_TXCLK Invert TXCLK. When INV_TXCLK is set to 1, the TNETE2004 samples data on its TXD pins on the falling edges of TXCLK. When INV_TXCLK is set to 0, the data is sampled on the rising edges of TXCLK. R/W 11 INV_TXEN Invert TXEN. When INV_TXEN is set to 1, the MAC indicates that data is to be transmitted by forcing the appropriate TXENx pin low. When INV_TXEN is 0, valid data is indicated by a high voltage level. R/W 10 RXD_POL Receive data active-low. When RXD_POL is set to 1, RXD is driven low when no data is being received by the PHY. When RXD_POL is set to 0, RXD is driven high when no data is being received. R/W 9 RXCLK_OFF Receive clock off when inactive. When RXCLK_OFF is set to 1, RXCLK outputs seven more clock cycles after CRS is inactive and then RXCLK is held high. Otherwise, RXCLK continuously outputs a 10-MHz clock signal. R/W 8–0 RESERVED Reserved. Read as 0. RO † RO = read only, R/W = read/write After power on or a reset prior to writing to this register, the polarity of CRS, COL, TXEN, RXCLK, and TXCLK is determined by CMODE0 and CMODE1. After this register has been written to, CMODE has no effect on the polarity. This register is always read as 0 until it has been written to. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |