Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRCR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62320DRCR
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRCR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS62320DRCR Datasheet HTML 19Page - Texas Instruments TPS62320DRCR Datasheet HTML 20Page - Texas Instruments TPS62320DRCR Datasheet HTML 21Page - Texas Instruments TPS62320DRCR Datasheet HTML 22Page - Texas Instruments TPS62320DRCR Datasheet HTML 23Page - Texas Instruments TPS62320DRCR Datasheet HTML 24Page - Texas Instruments TPS62320DRCR Datasheet HTML 25Page - Texas Instruments TPS62320DRCR Datasheet HTML 26Page - Texas Instruments TPS62320DRCR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.ti.com
VIN
VOUT
TPS62300
L1
ADJ
CI
C1
SW
EN
MODE/SYNC
FB
GND
DAC6571
A0
VDAC
VDD
R2
R1
GND
SDA
SCL
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
µF
2.7 V − 6 V
VIN
I2C I/F
4.7
µF
VOUT
9.5 k
Ω
2.2
µH
8.2 k
Ω
V(DAC) − Control Voltage − V
Default Voltage =
1.5 x Vref x 1+
)
( R1
R2
DAC Control Range
VO = 1.5 x 0.98 x V(DAC)
2.85 V
List of Components:
L1 = Wuerth Elektronik WE-TPC XS
CI , C1, = X5R/X7R Ceramic Capacitor
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
Figure 39. Dynamic Voltage Management Using I2C I/F
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com