Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRCR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62320DRCR
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRCR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS62320DRCR Datasheet HTML 8Page - Texas Instruments TPS62320DRCR Datasheet HTML 9Page - Texas Instruments TPS62320DRCR Datasheet HTML 10Page - Texas Instruments TPS62320DRCR Datasheet HTML 11Page - Texas Instruments TPS62320DRCR Datasheet HTML 12Page - Texas Instruments TPS62320DRCR Datasheet HTML 13Page - Texas Instruments TPS62320DRCR Datasheet HTML 14Page - Texas Instruments TPS62320DRCR Datasheet HTML 15Page - Texas Instruments TPS62320DRCR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
www.ti.com
t - Time - 25 ns/div
MODE/SYNC = HIGH
IO = 320 mA
VI = 3.6 V, VO = 1.6 V,
L = 0.9 mH, CO = 10 mF
TRIGGER ON RISING EDGE
150
200
250
300
350
400
450
500
550
600
650
700
2.5
3
3.5
4
4.5
5
5.5
6
VI − Input Voltage − V
TA = −405C
TA = 855C
TA = 255C
t − Time − 200 ns/div
IO = 200 mA
L = 0.9 mH, CO = 10 mF
VI = 3.6 V, VO = 1.6 V
150
200
250
300
350
400
450
500
550
2.5
3
3.5
4
4.5
5
5.5
6
VI − Input Voltage − V
TA = −405C
TA = 255C
TA = 855C
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
P-CHANNEL rDS(ON)
vs
DUTY CYCLE JITTER
INPUT VOLTAGE
Figure 21.
Figure 22.
N-CHANNEL rDS(ON)
vs
INPUT VOLTAGE
PWM OPERATION
Figure 23.
Figure 24.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com