Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATFS10 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATFS10
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS10 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATFS10 Datasheet HTML 1Page - ATMEL Corporation ATFS10 Datasheet HTML 2Page - ATMEL Corporation ATFS10 Datasheet HTML 3Page - ATMEL Corporation ATFS10 Datasheet HTML 4Page - ATMEL Corporation ATFS10 Datasheet HTML 5Page - ATMEL Corporation ATFS10 Datasheet HTML 6Page - ATMEL Corporation ATFS10 Datasheet HTML 7Page - ATMEL Corporation ATFS10 Datasheet HTML 8Page - ATMEL Corporation ATFS10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ATFS05/10/40
3017C–FPSLI–07/02
Block Diagram
Device Description
The control signals for the FPSLIC Support Device (CE, RESET/OE and CCLK) inter-
face directly with the FPSLIC control signals. All FPSLIC devices can control the entire
configuration process and retrieve data from the FPSLIC Support Device without requir-
ing an external intelligent controller.
The RESET/OE and CE pins control the tri-state buffer on the DATA output pin and
enable the address counter. When RESET/OE is driven Low, the configuration
EEPROM resets its address counter and tri-states its DATA pin. The CE pin also con-
trols the output of the FPSLIC Support Device. If CE is held High after the RESET/OE
reset pulse, the counter is disabled and the DATA output pin is tri-stated. When OE is
subsequently driven High, the counter and the DATA output pin are enabled. When
RESET/OE is driven Low again, the address counter is reset and the DATA output pin is
tri-stated, regardless of the state of CE.
When the FPSLIC Support Device has driven out all of its data and CEO is driven Low,
the device tri-states the DATA pin to avoid contention with other FPSLIC Support
Devices. Upon power-up, the address counter is automatically reset.
EEPROM
CELL
MATRIX
ROW
DECODER
COLUMN
DECODER
TC
CE
CLK
RESET/OE
CEO(A2)
DATA
BIT
COUNTER
PROGRAMMING
DATA SHIFT
REGISTER
PROGRAMMING
MODE LOGIC
ROW
ADDRESS
COUNTER
POWER ON
RESET
SER_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com