Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV342MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV342MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
VIN
VOUT
V
+
+
-
+
-
V
+
C = 200pF
SAMPLE
CLOCK
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMV341-N, LMV342-N, LMV344-N
SNOS990H – APRIL 2002 – REVISED JUNE 2016
LMV34x-N Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
1
1 Features
1
Typical 2.7 V Supply Values (Unless Otherwise
Noted)
Ensured 2.7 V and 5 V Specifications
Input Referred Voltage Noise at 10 kHz:
29 nV/
√Hz
Supply Current (Per Amplifier): 100 µA
Gain Bandwidth Product: 1 MHz
Slew Rate: 1 V/µs
Shutdown Current (LMV341-N): 45 pA
Turnon Time From Shutdown (LMV341-N): 5 µs
Input Bias Current: 20 fA
2 Applications
Cordless or Cellular Phones
Laptops
PDAs
PCMCIA or Audio
Portable or Battery-Powered Electronic Equipment
Supply Current Monitoring
Battery Monitoring
Buffers
Filters
Drivers
Sample and Hold Circuit
3 Description
The LMV34x-N devices are single, dual, and quad
low-voltage, low-power operational amplifiers. They
are designed specifically for low-voltage portable
applications. Other important product characteristics
are low input bias current, rail-to-rail output, and wide
temperature range.
The patented class AB turnaround stage significantly
reduces the noise at higher frequencies, power
consumption, and offset voltage. The PMOS input
stage provides the user with ultra-low input bias
current of 20 fA (typical) and high input impedance.
The industrial-plus temperature range of
−40°C to
125°C allows the LMV34x-N to accommodate a
broad range of extended environment applications.
LMV341-N expands Texas Instrument's Silicon Dust
amplifier portfolio offering enhancements in size,
speed, and power savings. The LMV34x-N devices
are specified to operate over the voltage range of
2.7 V to 5.5 V and all have rail-to-rail output.
The LMV341-N offers a shutdown pin that can be
used to disable the device. Once in shutdown mode,
the supply current is reduced to 45 pA (typical). The
LMV34x-N devices have 29-nV voltage noise at 10
KHz, 1 MHz GBW, 1-V/µs slew rate, 0.25 mVos, and
0.1-µA shutdown current (LMV341-N).
The LMV341-N is offered in the tiny 6-pin SC70
package,
the
LMV342-N
in
space-saving
8-pin
VSSOP and SOIC packages, and the LMV344-N in
14-pin TSSOP and SOIC packages. These small
package
amplifiers
offer
an
ideal
solution
for
applications
requiring
minimum
PCB
footprint.
Applications with area constrained PCB requirements
include portable electronics such as cellular handsets
and PDAs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMV341-N
SC70 (6)
2.00 mm × 1.25 mm
LMV342-N
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.91 mm
LMV344-N
TSSOP (14)
5.00 mm × 4.40 mm
SOIC (14)
8.64 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - LMV342MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV342MA NSC-LMV342MA Datasheet
694Kb / 17P
Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV342MA TI1-LMV342MA Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV342MA TI1-LMV342MA Datasheet
1Mb / 30P
Shutdown/Dual/Quad General Purpose
logo
National Semiconductor ...
LMV342MANOPB NSC-LMV342MANOPB Datasheet
1Mb / 28P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
LMV342MAX NSC-LMV342MAX Datasheet
694Kb / 17P
Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
More results

Similar Description - LMV342MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
logo
List of Unclassifed Man...
APC207 ETC-APC207 Datasheet
151Kb / 12P
Rail to Rail Output CMOS Single Operating Amplifier
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
Analog Devices
AD8594 AD-AD8594 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com