Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1633 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1633
Description  CMOS Dual Peripheral Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1633 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS1633 Datasheet HTML 1Page - National Semiconductor (TI) DS1633 Datasheet HTML 2Page - National Semiconductor (TI) DS1633 Datasheet HTML 3Page - National Semiconductor (TI) DS1633 Datasheet HTML 4Page - National Semiconductor (TI) DS1633 Datasheet HTML 5Page - National Semiconductor (TI) DS1633 Datasheet HTML 6Page - National Semiconductor (TI) DS1633 Datasheet HTML 7Page - National Semiconductor (TI) DS1633 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
16V
Voltage at Inputs
b
03V to VCC a 03V
Output Voltage
56V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1133 mW
Molded Package
1022 mW
TO-5 Package
787 mW
Lead Temperature (Soldering 4 sec
260 C
Derate cavity package 76 mW C above 25 C derate molded package
82 mW C above 25 C derate TO-5 package 52 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
DS1631DS1632
45
15
V
DS1633DS1634
DS3631DS3632
475
15
V
DS3633DS3634
Temperature TA
DS1631DS1632
b
55
a
125
C
DS1633DS1634
DS3631DS3632
0
a
70
C
DS3633DS3634
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ALL CIRCUITS
VIH
Logical ‘‘1’’ Input Voltage
(
Figure 1 )VCC e 5V
35
25
V
VCC e 10V
80
5
V
VCC e 15V
125
75
V
VIL
Logical ‘‘0’’ Input Voltage
(
Figure 1 )VCC e 5V
25
15
V
VCC e 10V
55
20
V
VCC e 15V
75
25
V
IIH
Logical ‘‘1’’ Input Current
VCC e 15V VIN e 15V (Figure 2 )
01
10
m
A
IIL
Logical ‘‘0’’ Input Current
VIN e 04V (Figure 3 )VCC e 5V
b
50
b
120
m
A
VCC e 15V
b
200 b360
m
A
VOH
Output Breakdown Voltage VCC e 15V IOH e 250 mA (Figure 1 )56
65
V
VOL
Output Low Voltage
VCC e Min (Figure 1 )
DS1631 DS1632
IOL e 100 mA
085
11
V
DS1633 DS1634
IOL e 300 mA
11
14
V
VCC e Min (Figure 1 )
DS3631 DS3632
IOL e 100 mA
085
10
V
DS3633 DS3634
IOL e 300 mA
11
13
V
DS1631DS3631
ICC(0)
Supply Currents
VIN e 0V (Figure 4)
VCC e 5V
Output Low
7
11
mA
VCC e 15V
Both Drivers
14
20
mA
ICC(1)
(
Figure 4 )VCC e 5V VIN e 5V
Output High
2
3
mA
VCC e 15V VIN e 15V Both Drivers
75
10
mA
tPD1
Propagation to ‘‘1’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
500
ns
(
Figure 5 )
tPD0
Propagation to ‘‘0’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
750
ns
(
Figure 5 )
DS1632DS3632
ICC(0)
Supply Currents
(
Figure 4 )VCC e 5V VIN e 5V
Output Low
812
mA
VCC e 15V VIN e 15V
18
23
mA
ICC(1)
VIN e 0V (Figure 4 )VCC e 5V
Output High
25
35
mA
VCC e 15V
9
14
mA
tPD1
Propagation to ‘‘1’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
500
ns
(
Figure 5 )
tPD0
Propagation to ‘‘0’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
750
ns
(
Figure 5 )
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com