Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1633 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1633
Description  CMOS Dual Peripheral Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1633 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS1633 Datasheet HTML 1Page - National Semiconductor (TI) DS1633 Datasheet HTML 2Page - National Semiconductor (TI) DS1633 Datasheet HTML 3Page - National Semiconductor (TI) DS1633 Datasheet HTML 4Page - National Semiconductor (TI) DS1633 Datasheet HTML 5Page - National Semiconductor (TI) DS1633 Datasheet HTML 6Page - National Semiconductor (TI) DS1633 Datasheet HTML 7Page - National Semiconductor (TI) DS1633 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5816
July 1992
DS1631DS3631DS1632DS3632DS1633DS3633
DS1634DS3634 CMOS Dual Peripheral Drivers
General Description
The DS1631 series of dual peripheral drivers was designed
to be a universal set of interface components for CMOS
circuits
Each circuit has CMOS compatible inputs with thresholds
that track as a function of VCC (approximately
VCC) The
inputs are PNPs providing the high impedance necessary
for interfacing with CMOS
Outputs have high voltage capability minimum breakdown
voltage is 56V at 250 mA
The outputs are Darlington connected transistors This al-
lows high current operation (300 mA max) at low internal
VCC current levels since base drive for the output transistor
is obtained from the load in proportion to the required load-
ing conditions This is essential in order to minimize loading
on the CMOS logic supply
Typical VCC e 5V power is 28 mW with both outputs ON
VCC operating range is 45V to 15V
The circuit also features output transistor protection if the
VCC supply is lost by forcing the output into the high impe-
dance OFF state with the same breakdown levels as when
VCC was applied
Pin-outs are the same as the respective logic functions
found in the following popular series of circuits DS75451
DS75461 This feature allows direct conversion of present
systems to the MM74C CMOS family and DS1631 series
circuits with great power savings
The DS1631 series is also TTL compatible at VCC e 5V
Features
Y
CMOS compatible inputs
Y
High impedance inputs
PNP’s
Y
High output voltage breakdown
56V min
Y
High output current capability
300 mA max
Y
Same pin-outs and logic functions as DS75451 and
DS75461 series circuits
Y
Low VCC power dissipation (28 mW both outputs ‘‘ON’’
at 5V)
Connection Diagrams (Dual-In-Line and Metal Can Packages)
TLF5816 – 1
Top View
Order Number DS1631J-8
or DS3631N
TLF5816 – 2
Top View
Order Number DS1632J-8
or DS3632N
TLF5816 – 3
Top View
Order Number DS1633J-8
or DS3633N
TLF5816 – 4
Top View
Order Number DS1634J-8
or DS3634N
See NS Package Number J08A or N08E
TLF5816 – 5
Top View
(Pin 4 is electrically connected to the
case)
Order Number DS1631H
TLF5816 – 6
Top View
(Pin 4 is electrically connected to the
case)
Order Number DS1632H
TLF5816 – 7
Top View
(Pin 4 is electrically connected to the
case)
Order Number DS1633H
TLF5816 – 8
Top View
(Pin 4 is electrically connected to the
case)
Order Number DS1634H
See NS Package Number H08C
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS1633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS1633 TI1-DS1633 Datasheet
403Kb / 10P
CMOS Dual Peripheral Drivers
logo
Rochester Electronics
DS1633J-8 ROCHESTER-DS1633J-8 Datasheet
609Kb / 1P
FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
DS1633J-883 ROCHESTER-DS1633J-883 Datasheet
609Kb / 1P
FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
DS1633J-8B ROCHESTER-DS1633J-8B Datasheet
609Kb / 1P
FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
More results

Similar Description - DS1633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
DUAL PERIPHERAL DRIVERS
DS1631 TI1-DS1631_11 Datasheet
403Kb / 10P
CMOS Dual Peripheral Drivers
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com