Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2902E/2K Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2902E/2K
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2902E/2K Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM2902E/2K Datasheet HTML 14Page - Texas Instruments PCM2902E/2K Datasheet HTML 15Page - Texas Instruments PCM2902E/2K Datasheet HTML 16Page - Texas Instruments PCM2902E/2K Datasheet HTML 17Page - Texas Instruments PCM2902E/2K Datasheet HTML 18Page - Texas Instruments PCM2902E/2K Datasheet HTML 19Page - Texas Instruments PCM2902E/2K Datasheet HTML 20Page - Texas Instruments PCM2902E/2K Datasheet HTML 21Page - Texas Instruments PCM2902E/2K Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
PCM2900
PCM2902
SLES035B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
18
DAC DIGITAL INTERPOLATION FILTER FREQUENCY RESPONSE
Figure 24
Frequency [x fS]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
123
4
STOP-BAND ATTENUATION
Figure 25
Frequency [x fS]
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
PASS-BAND RIPPLE
0.0
Frequency [x fS]
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
0.46
0.47
0.48
0.49
0.50
0.51
0.52
0.53
0.54
TRANSITION-BAND RESPONSE
Figure 26
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com