Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2902E/2K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2902E/2K
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2902E/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM2902E/2K Datasheet HTML 1Page - Texas Instruments PCM2902E/2K Datasheet HTML 2Page - Texas Instruments PCM2902E/2K Datasheet HTML 3Page - Texas Instruments PCM2902E/2K Datasheet HTML 4Page - Texas Instruments PCM2902E/2K Datasheet HTML 5Page - Texas Instruments PCM2902E/2K Datasheet HTML 6Page - Texas Instruments PCM2902E/2K Datasheet HTML 7Page - Texas Instruments PCM2902E/2K Datasheet HTML 8Page - Texas Instruments PCM2902E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PCM2900
PCM2902
SLES035B − MARCH 2002 − REVISED JUNE 2004
STEREO AUDIO CODEC WITH USB INTERFACE,
SINGLEENDED ANALOG INPUT/OUTPUT AND S/PDIF
FEATURES
D PCM2900: Without S/PDIF
D PCM2902: With S/PDIF
D On-Chip USB Interface:
− With Full-Speed Transceivers
− Fully Compliant With USB 1.1
Specification
− Certified by USB-IF
− Partially Programmable Descriptors(1)
− USB Adaptive Mode for Playback
− USB Asynchronous Mode for Record
− Bus Powered
D 16-Bit Delta Sigma ADC and DAC
D Sampling Rate:
− DAC: 32, 44.1, 48 kHz
− ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
D On-Chip Clock Generator:
− With Single 12-MHz Clock Source
D Single Power Supply: 5 V TYP (VBUS)
D Stereo ADC
− Analog Performance at VBUS = 5 V
− THD+N = 0.01%
− SNR = 89 dB
− Dynamic Range = 89 dB
− Decimation Digital Filter
− Pass-Band Ripple =
±0.05 dB
− Stop-Band Attenuation = –65 dB
− Single-Ended Voltage Input
− Antialiasing Filter Included
− Digital LCF Included
D Stereo DAC
− Analog Performance at VBUS = 5 V
− THD+N = 0.005%
− SNR = 96 dB
− Dynamic Range = 93 dB
− Oversampling Digital Filter
− Pass-Band Ripple =
±0.1 dB
− Stop-Band Attenuation = –43 dB
− Single-Ended Voltage Output
− Analog LPF Included
D Multifunctions:
− Human Interface Device (HID) Volume
±
Control and Mute Control
− Suspend Flag
D Package: 28-Pin SSOP
APPLICATIONS
D USB Audio Speaker
D USB Headset
D USB Monitor
D USB Audio Interface Box
DESCRIPTION
The PCM2900/2902 is Texas Instruments single-chip
USB stereo audio codec with USB-compliant full-speed
protocol controller and S/PDIF (only PCM2902). The
USB protocol controller works with no software code,
but the USB descriptors can be modified in some areas
(e.g., vendor ID/product ID). The PCM2900/2902
employs SpAct
 architecture, TI’s unique system that
recovers the audio clock from USB packet data. On-chip
analog PLLs with SpAct enable playback and record with
low clock jitter and with independent playback and record
sampling rates.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
BurrBrown Products
from Texas Instruments
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
(1)The descriptor can be modified by changing a mask.
SpAct is a trademark of Texas Instruments, Incorporated.
Apple. Mac, and Mac OS are trademarks of Apple Computer, Inc.
Intel is a trademark of Intel Corporation.
Microsoft, Windows, Windows Me, and Windows XP are trademarks of Microsoft Corporation.
Other trademarks are the property of their respective owners.


Similar Part No. - PCM2902E/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2902E/2K BURR-BROWN-PCM2902E/2K Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2902E/2K BURR-BROWN-PCM2902E/2K Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2902E/2K TI1-PCM2902E/2K Datasheet
595Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2902E/2K TI2-PCM2902E/2K Datasheet
657Kb / 40P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
REVISED MARCH 2008
PCM2902E/2K.B TI2-PCM2902E/2K.B Datasheet
657Kb / 40P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
REVISED MARCH 2008
More results

Similar Description - PCM2902E/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com