Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2824H393DGGALTU Datasheet(PDF) 24 Page - Kemet Corporation

Part # C2824H393DGGALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2824H393DGGALTU Datasheet(HTML) 24 Page - Kemet Corporation

Back Button C2824H393DGGALTU Datasheet HTML 18Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 19Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 20Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 21Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 22Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 23Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 24Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 25Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 26Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 24
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Table 9A – Waffle Tray Dimensions – Inches
Case Size
2" x 2" Waffle Tray Dimensions – Inches
Packaging Quantity
(pcs/unit packaging)
M
M1
M2
M3
X
Y
Z
A°
MATRIX
EIA (in)
Metric (mm) ±0.003
±0.003
±0.002
±0.002
±0.002
±0.002
±0.003
± 1/2°
(X x Y)
0402
1005
0.175
0.153
0.077
0.110
0.073
0.042
0.041
7
16 X 23
368
0504
1210
0.235
0.226
0.172
0.170
0.080
0.090
0.055
5
10 X 10
100
0603
1608
0.175
0.153
0.077
0.110
0.073
0.042
0.041
7
16 X 23
368
0805
2012
0.232
0.186
0.181
0.171
0.062
0.092
0.036
10
10 X 10
100
1005
2512
0.230
0.240
0.190
0.140
0.060
0.110
0.075
5
12 X 9
108
12061,2
3216
0.194
0.228
0.193
0.124
0.067
0.130
0.065
5
14 X 9
126
12061,3
3216
0.250
0.250
0.375
0.167
0.100
0.200
0.070
5
10 X 5
50
1210
3225
0.217
0.244
0.215
0.174
0.110
0.145
0.080
5
10 X 8
80
1808
4520
0.271
0.285
0.286
0.243
0.150
0.200
0.075
5
7 X 6
42
1812
4532
0.271
0.285
0.286
0.243
0.150
0.200
0.075
5
7 X 6
42
1825
4564
0.318
0.362
0.424
0.34
0.24
0.32
0.032
5
5 X 4
20
2220
5650
0.318
0.362
0.424
0.34
0.24
0.32
0.032
5
5 X 4
20
2225
5664
0.318
0.362
0.424
0.34
0.24
0.32
0.032
5
5 X 4
20
1
Packaging of 1206 (3216 metric) case size capacitors is dependent upon the nominal chip thickness of the device. See "Capacitance Range/Selection Waterfall"
and "Chip Thickness/Tape & Reel Packaging Quantities" to identify the nominal chip thickness of the capacitor.
2
Assigned to 1206 (3216 metric) case size capacitors with nominal thickness of ≤ 1.25mm (0.049 inches).
3
Assigned to 1206 (3216 metric) case size capacitors with nominal thickness of > 1.25mm (0.049 inches).
Table 9B – Waffle Tray Dimensions – Millimeters
Case Size
2" x 2" Waffle Tray Dimensions – Millimeters
Packaging Quantity
(pcs/unit packaging)
M
M1
M2
M3
X
Y
Z
A°
MATRIX
EIA (in)
Metric (mm)
±0.08
±0.08
±0.05
±0.05
±0.05
±0.05
±0.08
± 1/2°
(X x Y)
0402
1005
4.45
3.89
1.96
2.79
1.85
1.07
1.04
7
16 X 23
368
0504
1210
5.97
5.74
4.37
4.32
2.03
2.29
1.40
5
10 X 10
100
0603
1608
4.45
3.89
1.96
2.79
1.85
1.07
1.04
7
16 X 23
368
0805
2012
5.89
4.72
4.60
4.34
1.57
2.34
0.91
10
10 X 10
100
1005
2512
5.84
6.10
4.83
3.56
1.52
2.79
1.91
5
12 X 9
108
12061,2
3216
4.93
5.79
4.90
3.15
1.70
3.30
1.65
5
14 X 9
126
12061,3
3216
6.35
6.35
9.53
4.24
2.54
5.08
1.78
5
10 X 5
50
1210
3225
5.51
6.20
5.46
4.42
2.79
3.68
2.03
5
10 X 8
80
1808
4520
6.88
7.24
7.26
6.17
3.81
5.08
1.91
5
7 X 6
42
1812
4532
6.88
7.24
7.26
6.17
3.81
5.08
1.91
5
7 X 6
42
1825
4564
8.08
9.19
10.77
8.64
6.10
8.13
0.81
5
5 X 4
20
2220
5650
8.08
9.19
10.77
8.64
6.10
8.13
0.81
5
5 X 4
20
2225
5664
8.08
9.19
10.77
8.64
6.10
8.13
0.81
5
5 X 4
20
1
Packaging of 1206 (3216 metric) case size capacitors is dependent upon the nominal chip thickness of the device. See "Capacitance Range/Selection Waterfall"
and "Chip Thickness/Tape & Reel Packaging Quantities" to identify the nominal chip thickness of the capacitor.
2
Assigned to 1206 (3216 metric) case size capacitors with nominal thickness of ≤ 1.25mm (0.049 inches).
3
Assigned to 1206 (3216 metric) case size capacitors with nominal thickness of > 1.25mm (0.049 inches).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com