Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2824H393DGGALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C2824H393DGGALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2824H393DGGALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C2824H393DGGALTU Datasheet HTML 1Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 2Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 3Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 4Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 5Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 6Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 7Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 8Page - Kemet Corporation C2824H393DGGALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 1
One world. One KEMET
Ordering Information
C
2225
H
393
J
C
G
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated Voltage
(VDC)
Dielectric Failure Rate/
Design
Termination Finish2
Packaging/Grade
(C-Spec)
0805
1206
1210
1808
1812
1825
2220
2225
2824
3040
3640
4540
H = High
Temperature
(200°C)
Two significant
digits +
number of zeros.
B = ±0.10 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
C = 500
B = 630
D = 1,000
F = 1,500
G = 2,000
G = C0G
A = N/A
C = 100% Matte Sn
L = SnPb (5% Pb min.)
E = Gold (Au) 1.97 – 11.8 µin
F = Gold (Au) 30 – 50 µin
G = Gold (Au) 100 µin min.
See “Packaging
C-Spec Ordering
Options Table”
below
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
Gold(Au) termination finish options are not available on 2824, 3040, 3640 and 4540 case sizes.
Overview
KEMET’s High Voltage-High Temperature (HV-HT) series
surface mount C0G Multilayer Ceramic Capacitors (MLCCs) are
constructed of a robust and proprietary base metal electrode
(BME) dielectric system that offers industry-leading performance
at extreme temperatures. These surface mountable devices
feature a 200ºC maximum operating temperature and are
specifically designed to withstand the demands of harsh
industrial environments such as oil exploration and automotive/
avionics engine compartment circuitry. They also offer
higher and more uniform breakdown voltage performance
than competitive products, resulting in increased yields in
customer field applications. When dealing with expensive high
temperature circuitry and systems, higher yields can quickly
result in significant cost savings.
KEMET’s HV-HT series MLCCs are temperature compensating
and are suited for resonant circuit applications or those where
Q and stability of capacitance characteristics are required.
They exhibit no change in capacitance with respect to time
and voltage and boast a negligible change in capacitance with
reference to ambient temperature. Capacitance change is limited
to ±30ppm/ºC from −55°C to +200°C. In addition, these capacitors
exhibit high insulation resistance with low dissipation factor at
elevated temperatures up to 200°C. They also exhibit low ESR
at high frequencies and offer superior volumetric efficiency over
competitive high temperature precious metal electrode (PME) and
base metal electrode (BME) dielectric system devices.
These devices are Lead (Pb)-Free, RoHS and REACH compliant
without the need of any exemptions.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C,
C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C2824H393DGGALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2824H393JBGACT050 KEMET-C2824H393JBGACT050 Datasheet
71Kb / 1P
Ceramic, 200C, 200C-(CxxxxH), 0.039 uF, 5%, 630 V, 2824, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C2824H393JDGWCTU KEMET-C2824H393JDGWCTU Datasheet
1Mb / 17P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393JGGWCTU KEMET-C2824H393JGGWCTU Datasheet
1Mb / 17P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393JHGWCTU KEMET-C2824H393JHGWCTU Datasheet
1Mb / 17P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393JUGWCTU KEMET-C2824H393JUGWCTU Datasheet
1Mb / 17P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C2824H393DGGALTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors
06-May-13
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors
23-Sep-09
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors
27-Mar-13
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors
07-Nov-13
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors
06-May-13
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
Surface Mount Multilayer Ceramic Chip Capacitors
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
Surface Mount Multilayer Ceramic Chip Capacitors
25-Jul-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com