Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP889EB Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP889EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP889EB Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button COP889EB Datasheet HTML 60Page - National Semiconductor (TI) COP889EB Datasheet HTML 61Page - National Semiconductor (TI) COP889EB Datasheet HTML 62Page - National Semiconductor (TI) COP889EB Datasheet HTML 63Page - National Semiconductor (TI) COP889EB Datasheet HTML 64Page - National Semiconductor (TI) COP889EB Datasheet HTML 65Page - National Semiconductor (TI) COP889EB Datasheet HTML 66Page - National Semiconductor (TI) COP889EB Datasheet HTML 67Page - National Semiconductor (TI) COP889EB Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
Memory Map
All RAM, ports and registers (except A and PC) are mapped
into data memory address space.
Address
Contents
0000 to 006F
On-Chip RAM bytes (112
bytes)
0070 to 007F
Unused RAM Address Space
(Reads as All Ones)
0080
PORTMD, Port M Data
Register
0081
PORTMC, Port M
Configuration Register
0082
PORTMP, Port M Input Pins
(Read Only)
0083
Reserved for Port M
0084
MMIWU Edge Select Register
(MWKEDG)
0085
MMIWU Enable Register
(MWKEN)
0086
MMIWU Pending Register
(MWKPND)
0087
Reserved for MMIWU
0088
PORTND, Port N Data
Register
0089
PORTNC, Port N
Configuration Register
008A
PORTNP, Port N Input Pins
(Read Only)
008B
PORTNX, Port N Alternate
Function Enable
008C to 008F
Unused RAM Address Space
(Reads Undefined Data)
0090
PORTED, Port E Data
Register
0091
PORTEC, Port E
Configuration Register
0092
PORTEP, Port E Input Pins
(Read Only)
0093
Reserved for Port E
0094
PORTFD, Port F Data
Register
0095
PORTFC, Port F
Configuration Register
0096
PORTFP, Port F Input Pins
(Read Only)
0097
Reserved for Port F
0098
SPICNTL, SPI Control
Register
0099
SPISTAT, SPI Status Register
009A
SPIRXD, SPI Current Receive
Data (Read Only)
009B
SPITXD, SPI Transmit Data
009C to 009F
Reserved
00A0
TXD1, Transmit 1 Data
00A1
TXD2, Transmit 2 Data
Address
Contents
00A2
TDLC, Transmit Data Length
Code and Identifier Low
00A3
TID, Transmit Identifier High
00A4
RXD1, Receive Data 1
00A5
RXD2, Receive Data 2
00A6
RIDL, Receive Data Length
Code
00A7
RID, Receive Identify HIgh
00A8
CSCAL, CAN Prescaler
00A9
CTIM, Bus Timing Register
00AA
CBUS, Bus Control Register
00AB
TCNTL, Transmit/Receive
Control Register
00AC
RTSTAT Receive/Transmit
Status Register
00AD
TEC, Transmit Error Count
Register
00AE
REC, Receive Error Count
Register
00AF
PLATST, CAN Bit Stream
Processor Test Register
00B8
UART Transmit Buffer (TBUF)
00B9
UART Receive Buffer (RBUF)
00BA
UART Control Status (ENU)
00BB
UART Receive Control Status
(ENUR)
00BC
UART Interrupt and Clock
(ENUI)
00BD
UART Baud Register (BAUD)
00BE
UART Prescaler Register
(PSR)
00BF
Reserved for UART
00C0
Timer T2 Lower Byte
(TMR2LO)
00C1
Timer T2 Upper Byte
(TMR2HI)
00C2
Timer T2 Autoload Register
T2RA Lower Byte (T2RALO)
00C3
Timer T2 Autoload Register
T2RA Upper Byte (T2RAHI)
00C4
Timer T2 Autoload Register
T2RB Lower Byte (T2RBLO)
00C5
Timer T2 Autoload Register
T2RB Upper Byte (T2RBHI)
00C6
Timer T2 Control Register
(T2CNTRL)
00C7
WATCHDOG Service
Register (Reg:WDSVR)
00C8
LMIWU Edge Select Register
(LWKEDG)
00C9
LMIWU Enable Register
(LWKEN)
00CA
LLMIWU Pending Register
(LWKPND)
www.national.com
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com