Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP889EB Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP889EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP889EB Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button COP889EB Datasheet HTML 21Page - National Semiconductor (TI) COP889EB Datasheet HTML 22Page - National Semiconductor (TI) COP889EB Datasheet HTML 23Page - National Semiconductor (TI) COP889EB Datasheet HTML 24Page - National Semiconductor (TI) COP889EB Datasheet HTML 25Page - National Semiconductor (TI) COP889EB Datasheet HTML 26Page - National Semiconductor (TI) COP889EB Datasheet HTML 27Page - National Semiconductor (TI) COP889EB Datasheet HTML 28Page - National Semiconductor (TI) COP889EB Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
Functional Block Description of
the CAN Interface (Continued)
REGISTER DATA LENGTH CODE AND IDENTIFIERLOW
REGISTER (RIDL)(Address X’00A6)
RID3
RID2
RID1
RID0
RDLC3
RDLC2
RDLC1
RDLC0
Bit 7
Bit 0
This register is read only.
RID3..RID0
Receive Identifier bits (lower four bits)
The RID3..RID0 bits are the lower four bits of the eleven bit
long Receive Identifier. Any received message that matches
the upper 7 bits of the Receive Identifier (RID10..RID4) is ac-
cepted if the Receive Identifier Acceptance Filter (RIAF) bit is
set to zero.
RDLC3..RDLC0 Receive Data Length Code bits
The RDLC3..RDLC0 bits determine the number of data
bytes within a received frame.
RECEIVE IDENTIFIER HIGH (RID)(Address X’00A7)
Reserved
RID10
RID9
RID8
RID7
RID6
RID5
RID4
Bit 7
Bit 0
This register is read/write.
Bit 7 is reserved and should be zero.
RID10..RID4 Receive Identifier bits (upper bits)
The RID10...RID4 bits are the upper 7 bits of the eleven bit
long Receive Identifier. If the Receive Identifier Acceptance
Filter (RIAF) bit (see CBUS register) is set to zero, bits 4 to
10 of the received identifier are compared with the mask bits
of RID4..RID10. If the corresponding bits match, the mes-
sage is accepted. If the RIAF bit is set to a one, the filter
function is disabled and all messages, independent of iden-
tifier, will be accepted.
CAN PRESCALER REGISTER (CSCAL)(Address
X’00A8)
CKS7
CKS6
CKS5
CKS4
CKS3
CKS2
CKS1
CKS0
Bit 7
Bit 0
This register is read/write.
CKS7..0
Prescaler divider select.
The resulting clock value is the CAN Prescaler clock.
CAN BUS TIMING REGISTER (CTIM) (Address X’00A9)
PPS2
PPS1
PPS0
PS2
PS1
PS0
Reserved
Reserved
Bit 7
Bit 0
This register is read/write.
PPS2..PPS0
Propagation Segment, bits 2..0
The PPS2..PPS0 bits determine the length of the propaga-
tion delay in Prescaler clock cycles (PSC) per bit time. (For
a more detailed discussion of propagation delay and phase
segments, see SYNCHRONIZATION.)
PS2..PS0
Phase Segment 1, bits 2..0
The PS2..PS0 bits fix the number of Prescaler clock cycles
per bit time for phase segment 1 and phase segment 2. The
PS2..PS0 bits also set the synchronization Jump Width to a
value equal to the lesser of: 4 PSC, or the length of PS1/2
(Min: 4 l length of PS1/2).
Bits 1 and 0 are reserved and should be zero.
TABLE 5. Synchronization Jump Width
Length of
Synchronization
PS2
PS1
PS0
Phase
Jump Width
Segment 1⁄2
000
1 t
can
1t
can
001
2 t
can
2t
can
010
3 t
can
3t
can
011
4 t
can
4t
can
100
5 t
can
4t
can
101
6 t
can
4t
can
110
7 t
can
4t
can
111
8 t
can
4t
can
LENGTH OF TIME SEGMENTS (See
Figure 28)
•
The Synchronization Segment is 1 CAN Prescaler clock
(PSC)
•
The Propagation Segment can be programmed (PPS) to
be 1,2...,8 PSC in length.
•
Phase Segment 1 and Phase Segment 2 are program-
mable (PS) to be 1,2,..,8 PSC long.
Note: (BTL settings at high speed; PSC = 0) Due to the on-chip delay from
the rx-pins through the receive comparator (worst case assumption: 3
clocks delay * 2 (devices on the bus)+1tx delay) the user needs to set
the sample point to (2*3 + 1) i.e., 7 CKI clocks to ensure correct com-
munication on the bus under all circumstances. With prescaler settings
of 0 this is a given (i.e., no caution has to be applied).
Example: for 1 Mbit CTIM = b’10000100 (PSS = 5; PS1 = 2). Example
for 500 kbit CTIM = b’01011100 (PPS = 3; PS1 = 8). − all at 10 MHz
CKI and CSCAL = 0.
CAN BUS CONTROL REGISTER (CBUS) (00AA)
Re-
RIAF
TxEN1
TxEN0
RxREF1
RxREF0
Re-
FMOD
served
served
Bit 7
Bit 0
Reserved These bits are reserved and should be zero.
RIAF
Receive identifier acceptance filter bit
If the RIAF bit is set to zero, bits 4 to 10 of the received iden-
tifier are compared with the mask bits of RID4..RID10 and if
the corresponding bits match, the message is accepted. If
the RIAF bit is set to a one, the filter function is disabled and
all messages independent of the identifier will be accepted.
TxEN0, TxEN1 TxD Output Driver Enable
TABLE 6. Output Drivers
TxEN1
TxEN0
Output
0
0
Tx0, Tx1 TRI-STATE, CAN
input comparator disabled
0
1
Tx0 enabled
1
0
Tx1 enabled
1
1
Tx0 and Tx1 enabled
Bus synchronization of the device is done in the following
way:
If the output was disabled (TxEN1, TxEN0 = “0”) and either
TxEN1 or TxEN0, or both are set to 1, the device will not start
transmission or reception of a frame until eleven consecutive
“recessive” bits have been received. Resetting the TxEN1
and TxEN0 bits will disable the output drivers and the CAN
input comparator. All other CAN related registers and flags
will be unaffected. It is recommended that the user reset the
TxEN1 and TxEN0 bits before switching the device into the
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com