Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5174GD8 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5174GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5174GD8 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5174GD8 Datasheet HTML 1Page - ON Semiconductor CS5174GD8 Datasheet HTML 2Page - ON Semiconductor CS5174GD8 Datasheet HTML 3Page - ON Semiconductor CS5174GD8 Datasheet HTML 4Page - ON Semiconductor CS5174GD8 Datasheet HTML 5Page - ON Semiconductor CS5174GD8 Datasheet HTML 6Page - ON Semiconductor CS5174GD8 Datasheet HTML 7Page - ON Semiconductor CS5174GD8 Datasheet HTML 8Page - ON Semiconductor CS5174GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
5
PGND
VSW
+
−
+
−
+
−
VCC
SS
NFB
FB
AGND
Positive
Error Amp
CS5172/4
only
CS5171/3
only
Negative
Error Amp
PWM
Comparator
Ramp
Summer
Slope
Compensation
Thermal
Shutdown
2.0 V
Regulator
Delay
Timer
Sync
Shutdown
Oscillator
Frequency
Shift 5:1
S PWM
Latch
R
Q
Driver
Switch
63 m
W
−0.65 V Detector
0.4 V Detector
1.276 V
250 k
200 k
2.0 V
VC
×5
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com