Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5174GD8 Datasheet(PDF) 17 Page - ON Semiconductor

Part # CS5174GD8
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5174GD8 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CS5174GD8 Datasheet HTML 13Page - ON Semiconductor CS5174GD8 Datasheet HTML 14Page - ON Semiconductor CS5174GD8 Datasheet HTML 15Page - ON Semiconductor CS5174GD8 Datasheet HTML 16Page - ON Semiconductor CS5174GD8 Datasheet HTML 17Page - ON Semiconductor CS5174GD8 Datasheet HTML 18Page - ON Semiconductor CS5174GD8 Datasheet HTML 19Page - ON Semiconductor CS5174GD8 Datasheet HTML 20Page - ON Semiconductor CS5174GD8 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
17
TJ + TA)(PDqJA)
where:
TJ = IC or FET junction temperature (°C);
TA = ambient temperature (°C);
PD = power dissipated by part in question (W);
qJA = junction−to−ambient thermal resistance (°C/W).
For the CS517x,
qJA=165°C/W.
Once the designer has calculated TJ, the question of
whether the CS517x can be used in an application is settled.
If TJ exceeds 150°C, the absolute maximum allowable
junction temperature, the CS517x is not suitable for that
application.
If TJ approaches 150°C, the designer should consider
possible means of reducing the junction temperature.
Perhaps another converter topology could be selected to
reduce the switch current. Increasing the airflow across the
surface of the chip might be considered to reduce TA.
Circuit Layout Guidelines
In any switching power supply, circuit layout is very
important for proper operation. Rapidly switching currents
combined
with
trace
inductance
generates
voltage
transitions that can cause problems. Therefore the following
guidelines should be followed in the layout.
1.
In boost circuits, high AC current circulates within the
loop composed of the diode, output capacitor, and
on−chip power transistor. The length of associated
traces and leads should be kept as short as possible. In
the flyback circuit, high AC current loops exist on both
sides of the transformer. On the primary side, the loop
consists of the input capacitor, transformer, and
on−chip power transistor, while the transformer,
rectifier diodes, and output capacitors form another
loop on the secondary side. Just as in the boost circuit,
all traces and leads containing large AC currents
should be kept short.
2.
Separate the low current signal grounds from the
power grounds. Use single point grounding or ground
plane construction for the best results.
3.
Locate the voltage feedback resistors as near the IC as
possible to keep the sensitive feedback wiring short.
Connect feedback resistors to the low current analog
ground.
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping†
CS5171ED8
95 Units/Rail
CS5171EDR8
2500 Tape & Reel
CS5172ED8
SOIC 8
95 Units/Rail
CS5172EDR8
SOIC−8
2500 Tape & Reel
CS5173ED8
−40
°C<TJ < 125°C
95 Units/Rail
CS5173EDR8
−40
°C < TJ < 125°C
2500 Tape & Reel
CS5173EDR8G
SOIC−8
(Pb−Free)
2500 Tape & Reel
CS5174ED8
95 Units/Rail
CS5174EDR8
SOIC 8
2500 Tape & Reel
CS5171GD8
SOIC−8
95 Units/Rail
CS5171GDR8
2500 Tape & Reel
CS5171GDR8G
SOIC−8
(Pb−Free)
2500 Tape & Reel
CS5172GD8
0
°CT
125
°C
95 Units/Rail
CS5172GDR8
0
°C < TJ < 125°C
2500 Tape & Reel
CS5173GD8
SOIC 8
95 Units/Rail
CS5173GDR8
SOIC−8
2500 Tape & Reel
CS5174GD8
95 Units/Rail
CS5174GDR8
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com