Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV20WS Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # BAV20WS
Description  Silicon Ep itaxial Planar Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

BAV20WS Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  BAV20WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAV20WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAV20WS Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAV20WS Datasheet HTML 4Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Epitaxial Planar Diode
BAV19WS/BAV20WS/BAV21WS
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage
BAV19WS
BAV20WS
BAV21WS
V(BR)R
120
200
250
V
IR=100uA
Forward Voltage
VFM
-
1.0
1.25
V
IF=100mA
IF=200mA
Reverse Current BAV19WS
BAV20WS
BAV21WS
IR
-
0.1
0.1
0.1
μA
VR=100V
VR=150V
VR=200V
Capacitance between
terminals
CT
-
5
pF
VR=0,f=1.0MHz
Reverse Recovery Time
trr
-
50
ns
IF=IR=30mA,
Irr=0.1×IR,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
2014-03 01版
http://www.microdiode.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com