Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV20WS Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # BAV20WS
Description  Silicon Ep itaxial Planar Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

BAV20WS Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  BAV20WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAV20WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAV20WS Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAV20WS Datasheet HTML 4Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Epitaxial Planar Diode
BAV19WS/BAV20WS/BAV21WS
FEATURES
Pb
Fast Switching Speed
Lead-free
Surface Mount Package Ideally Suited For
Automatic Insertion
For General Purpose Switching Applications
High Conductance
APPLICATIONS
SOD-323
Surface mount fast switching diode
ORDERING INFORMATION
Type No.
Marking
Package Code
BAV19WS
A8
SOD-323
BAV20WS
T2
SOD-323
BAV21WS
T3
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol BAV19WS BAV20WS
BAV21WS Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Reverse Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Average Rectified Output Current
Io
200
mA
Non-Repetitive Peak Forward Surge Current
@t=1.0 μs
@t=1.0 s
IFSM
2.5
0.5
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
/W
Operating and Storage Temperature Rage
Tj,TSTG
-65 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
2014-03 01版
http://www.microdiode.com


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
Silicon Planar Diode
01-Apr-99
BAY135 VISHAY-BAY135 Datasheet
35Kb / 3P
Silicon Planar Diode
18-Mar-99
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_04 Datasheet
44Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
logo
Galaxy Semi-Conductor H...
1SS380 BILIN-1SS380 Datasheet
101Kb / 2P
Silicon Epitaxial Planar Diode
Rev.A
logo
NXP Semiconductors
BAT18 NXP-BAT18 Datasheet
51Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
ZENER DIODE SILICON PLANAR DIODE
logo
NXP Semiconductors
BAT18,215 NXP-BAT18,215 Datasheet
51Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
BAT18 PHILIPS-BAT18_15 Datasheet
62Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
logo
Microdiode Semiconducto...
BAV20WS CHENDA-BAV20WS Datasheet
447Kb / 4P
Silicon Ep itaxial Planar Diode
SD106WS CHENDA-SD106WS Datasheet
399Kb / 3P
Silicon Ep itaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com