Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVT
Description  250-mA Low-Dropout Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73233DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS73233DBVT Datasheet HTML 8Page - Texas Instruments TPS73233DBVT Datasheet HTML 9Page - Texas Instruments TPS73233DBVT Datasheet HTML 10Page - Texas Instruments TPS73233DBVT Datasheet HTML 11Page - Texas Instruments TPS73233DBVT Datasheet HTML 12Page - Texas Instruments TPS73233DBVT Datasheet HTML 13Page - Texas Instruments TPS73233DBVT Datasheet HTML 14Page - Texas Instruments TPS73233DBVT Datasheet HTML 15Page - Texas Instruments TPS73233DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Servo
Error
Amp
Ref
27kW
8kW
Current
Limit
Thermal
Protection
Bandgap
NR
OUT
R
1
R
2
EN
GND
IN
R
1 + R2 = 80kW
4MHz
Charge Pump
TPS732
SBVS037P – AUGUST 2003 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPS732 family of low-dropout linear regulators operates down to an input voltage of 1.7 V and supports
output voltages down to 1.2 V while sourcing up to 500 mA of load current. This linear regulator uses an NMOS
pass element with an integrated 4-MHz charge pump to provide a dropout voltage of less than 250 mV at full
load current. This unique architecture also permits stable regulation over a wide range of output capacitors. In
fact, the TPS732 family of devices does not require any output capacitor for stability. The increased insensitivity
to the output capacitor value and type makes this family of linear regulators an ideal choice when powering a
load where the effective capacitance is unknown.
The TPS732 family of devices also features a noise reduction (NR) pin that allows for additional reduction of the
output noise. With a noise reduction capacitor of 0.01 µF connected from the NR pin to GND, the TPS73215
output noise can be as low as 12.75 µVRMS. The low noise output featured by the TPS732 family makes the
device well-suited for powering VCOs or any other noise-sensitive load.
7.2 Functional Block Diagrams
Figure 29. Fixed-Voltage Version
12
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com