Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRFNFCA Datasheet(PDF) 9 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 5Page - STMicroelectronics STRFNFCA Datasheet HTML 6Page - STMicroelectronics STRFNFCA Datasheet HTML 7Page - STMicroelectronics STRFNFCA Datasheet HTML 8Page - STMicroelectronics STRFNFCA Datasheet HTML 9Page - STMicroelectronics STRFNFCA Datasheet HTML 10Page - STMicroelectronics STRFNFCA Datasheet HTML 11Page - STMicroelectronics STRFNFCA Datasheet HTML 12Page - STMicroelectronics STRFNFCA Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
STRFNFCA
Power management and operating modes
Doc ID 023077 Rev 10
9/74
3.2
Startup sequence
After the power supply is established at power-on, the STRFNFCA waits for a low pulse on
the pin IRQ_IN (t1) before automatically selecting the external interface (SPI or UART) and
entering Ready state after a delay (t3).
1.
Note for pin SSI0: - - - SPI selected, –––– UART selected
2.
Pin IRQ_IN low level < 0.2 VPS_Main.
Note:
When STRFNFCA leaves WFE mode (from Power-up, Hibernate, Tag Detector, or
Sleep/Field Detector) following an |RQ_IN/RX low level pulse, this pulse is NOT interpreted
as the UART start bit character.
Figure 4.
STRFNFCA initialization and operating state change
Supply off
PowerUP
Tag Detector
Sleep /
Field Detector
Hibernate
WAIT FOR EVENT
READY
Reader
Card
Emulation
ACTIVE
Protocol
Select cde
Serial I/F
selection
IDLE
cde
Wake
UP
Protocol
Select cde
Figure 5.
Power-up sequence
MS20021V1
VPS
IRQ_IN
First valid
command
t0
t1
t3
t2
SSI_1
SSI_0
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com