Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRFNFCA Datasheet(PDF) 8 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 4Page - STMicroelectronics STRFNFCA Datasheet HTML 5Page - STMicroelectronics STRFNFCA Datasheet HTML 6Page - STMicroelectronics STRFNFCA Datasheet HTML 7Page - STMicroelectronics STRFNFCA Datasheet HTML 8Page - STMicroelectronics STRFNFCA Datasheet HTML 9Page - STMicroelectronics STRFNFCA Datasheet HTML 10Page - STMicroelectronics STRFNFCA Datasheet HTML 11Page - STMicroelectronics STRFNFCA Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
Power management and operating modes
STRFNFCA
8/74
Doc ID 023077 Rev 10
3
Power management and operating modes
3.1
Operating modes
The STRFNFCA has 2 operating modes: Wait for Event (WFE) and Active. In Active mode,
the STRFNFCA communicates actively with a tag or an external host (an MCU, for
example). WFE mode includes four low consumption states: Power-up, Hibernate,
Sleep/Field Detector and Tag Detector.
The STRFNFCA can switch from one mode to another.
Hibernate, Tag Detector, and Sleep/Field Detector states can only be activated by a
command from the external host. As soon as any of these three states are activated, the
STRFNFCA can no longer communicate with the external host. It can only be woken up.
The behavior of the STRFNFCA in 'Tag Detector' state is defined by the Idle command.
Table 3.
STRFNFCA operating modes and states
Mode
State
Description
Wait For
Event
(WFE)
Power-up
This mode is accessible directly after POR.
Low level on IRQ_IN pin (longer than 10 µs) is the only wakeup
source. LFO (low-frequency oscillator) is running in this state.
Hibernate
Lowest power consumption state. The STRFNFCA has to be woken-
up in order to communicate. Low level on IRQ_IN pin (longer than 10
µs) is the only wakeup source.
Sleep/Field
Detector
Low power consumption state. Wakeup source is configurable:
–Timer
–IRQ_IN pin
– SPI_SS pin
– Field Detector
LFO (low-frequency oscillator) is running in this state.
Tag Detector
Low power consumption state with tag detection. Wakeup source is
configurable:
–Timer
–IRQ_IN pin
– SPI_SS pin
– Tag detector
LFO (low-frequency oscillator) is running in this state.
Active
Ready
In this mode, the RF is OFF and the STRFNFCA waits for a
command (PROTOCOLSELECT, ...) from the external host via the
selected serial interface (UART or SPI).
Reader
The STRFNFCA can communicate with a tag using the selected
protocol or with an external host using the selected serial interface
(UART or SPI).
Card Emulation
The STRFNFCA can communicate as a Card or Tag with an external
reader. The Card or Tag application is located in the Host and
communicates with the STRFNFCA via the serial interface (SPI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com