Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM3592-RTR Datasheet(PDF) 15 Page - Silicon Laboratories

Part # EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 11Page - Silicon Laboratories EM3592-RTR Datasheet HTML 12Page - Silicon Laboratories EM3592-RTR Datasheet HTML 13Page - Silicon Laboratories EM3592-RTR Datasheet HTML 14Page - Silicon Laboratories EM3592-RTR Datasheet HTML 15Page - Silicon Laboratories EM3592-RTR Datasheet HTML 16Page - Silicon Laboratories EM3592-RTR Datasheet HTML 17Page - Silicon Laboratories EM3592-RTR Datasheet HTML 18Page - Silicon Laboratories EM3592-RTR Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
EM359x
Rev 1.0
15
Reset Current
Quiescent current, nRESET
asserted
Typ at 25 °C/3.0 V
Max at 85 °C/3.6 V
2
3
mA
Processor and Peripheral Currents
ARM® CortexTM-M3, RAM, and
flash memory
25 °C, 1.8 V memory and
1.25 V core
ARM® CortexTM-M3 running at 12 MHz
from crystal oscillator
Radio and all peripherals off
7.5
mA
ARM® CortexTM-M3, RAM, and
flash memory
25 °C, 1.8 V memory and
1.25 V core
ARM® CortexTM-M3 running at 24 MHz
from crystal oscillator
Radio and all peripherals off
8.5
mA
ARM® CortexTM-M3, RAM, and
flash memory sleep current
25 °C, 1.8 V memory and
1.25 V core
ARM® CortexTM-M3 sleeping, CPU
clock set to 12 MHz from the crystal
oscillator
Radio and all peripherals off
4.0
mA
ARM® CortexTM-M3, RAM, and
flash memory sleep current
25 °C, 1.8 V memory and
1.25 V core
ARM® CortexTM-M3 sleeping, CPU
clock set to 6 MHz from the high fre-
quency RC oscillator
Radio and all peripherals off
2.5
mA
Serial controller current
For each controller at maximum data
rate
0.2
mA
General purpose timer current
For each timer at maximum clock rate
0.25
mA
General purpose ADC current
At maximum sample rate, DMA enabled
1.1
mA
USB active current
1
mA
USB suspended mode current
1.8 V memory and 1.25 V core
ARM® CortexTM-M3 sleeping, CPU
clock set to 3 MHz from the high fre-
quency RC oscillator.
Radio and all peripherals off
2.5
mA
RX Current
Radio receiver, MAC, and base-
band
ARM® CortexTM-M3 sleeping, CPU
clock set to 12 MHz
23.5
mA
Total RX current ( = IRadio receiver,
MAC and baseband, CPU + IRAM,
and Flash memory )
25 °C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 12 MHz
25.5
mA
25 °C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 24 MHz
27.0
mA
Table 3.4. DC Characteristics (Continued)
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com