Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P
Description  High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P Datasheet(HTML) 3 Page - Vishay Siliconix

  P Datasheet HTML 1Page - Vishay Siliconix P Datasheet HTML 2Page - Vishay Siliconix P Datasheet HTML 3Page - Vishay Siliconix P Datasheet HTML 4Page - Vishay Siliconix P Datasheet HTML 5Page - Vishay Siliconix P Datasheet HTML 6Page - Vishay Siliconix P Datasheet HTML 7Page - Vishay Siliconix P Datasheet HTML 8Page - Vishay Siliconix P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P
www.vishay.com
Vishay Sfernice
Revision: 20-Feb-15
3
Document Number: 53017
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DERATING CURVE
TEMPERATURE COEFFICIENT
TCR
CODE
FILM
± 5 ppm/°C
C (-55 °C; +155 °C)
NiCr
± 5 ppm/°C
Z (0 °C; +70 °C)
NiCr
± 10 ppm/°C
Y
NiCr
± 25 ppm/°C
E
NiCr
± 50 ppm/°C
H
NiCr or CrSi
± 100 ppm/°C
K
NiCr or CrSi
070
20
40
60
80
100
120
140 155
0
20
40
60
80
100
Ambient Temperature in °C
BEST TOLERANCE AND TCR VS. OHMIC VALUE
STYLE
RANGE
(
)
TOLERANCE
(± %)
TCR CODE
0302
10 to < 100
0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
100 to 35K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
> 35K to 50K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
Z; Y; E; H; K
> 50K to 75K
0.05; 0.1; 0.25; 0.5; 1; 2; 5
E; H; K
> 75K to 750K
0.1; 0.25; 0.5; 1; 2; 5 (1)
H; K
0402
10 to < 100
0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
100 to 67K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
> 67K to 100K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
Z; Y; E; H; K
> 100K to 150K
0.05; 0.1; 0.25; 0.5; 1; 2; 5
E; H; K
> 150K to 1M5
0.1; 0.25; 0.5; 1; 2; 5 (1)
H; K
0505
10 to < 100
0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
100 to 187K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
> 187K to 260K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
Z; Y; E; H; K
> 260K to 400K
0.05; 0.1; 0.25; 0.5; 1; 2; 5
E; H; K
> 400K to 4M
0.1; 0.25; 0.5; 1; 2; 5 (1)
H; K
0603
10 to < 100
0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
100 to 160K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
> 160K to 332K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
Z; Y; E; H; K
> 332K to 500K
0.05; 0.1; 0.25; 0.5; 1; 2; 5 (1)
E; H; K
> 500K to 3M2
0.1; 0.25; 0.5; 1; 2; 5
H; K
0805
10 to < 100
0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
100 to 360K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
C; Z; Y; E; H; K
> 360K to 511K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
Z; Y; E; H; K
> 511K to 750K
0.05; 0.1; 0.25; 0.5; 1; 2; 5
E; H; K
> 750K to 10M
0.1; 0.25; 0.5; 1; 2; 5 (1)
H; K


Similar Description - P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P VISHAY-P_V01 Datasheet
148Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
01-Jan-2022
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
Revision: 19-Nov-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003EAS BOURNS-CRT0603-CV-1003EAS Datasheet
397Kb / 4P
   Sulfur-Resistant Thin Film Precision Chip Resistors
logo
Vishay Siliconix
PHT VISHAY-PHT Datasheet
105Kb / 6P
   High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
Revision: 14-Jan-15
PHT VISHAY-PHT Datasheet
97Kb / 6P
   High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
Revision: 14-Jan-15
PVHT VISHAY-PVHT Datasheet
89Kb / 6P
   High Stability - Very High Temperature (270 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
Revision: 13-Nov-15
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
   High Precision Wraparound Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
   Sulfur Resistant Thick Film Chip Resistors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com