Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F871/SP Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F871/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F871/SP Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F871/SP Datasheet HTML 93Page - Microchip Technology PIC16F871/SP Datasheet HTML 94Page - Microchip Technology PIC16F871/SP Datasheet HTML 95Page - Microchip Technology PIC16F871/SP Datasheet HTML 96Page - Microchip Technology PIC16F871/SP Datasheet HTML 97Page - Microchip Technology PIC16F871/SP Datasheet HTML 98Page - Microchip Technology PIC16F871/SP Datasheet HTML 99Page - Microchip Technology PIC16F871/SP Datasheet HTML 100Page - Microchip Technology PIC16F871/SP Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 97
PIC16F870/871
FIGURE 11-5: TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD)
FIGURE 11-6: TIME-OUT SEQUENCE ON POWER-UP (MCLR NOT TIED TO VDD): CASE 1
ADCON1
870
871
0--- 0000
0--- 0000
u--- uuuu
EEDATA
870
871
0--- 0000
0--- 0000
u--- uuuu
EEADR
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEDATH
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEADRH
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
EECON1
870
871
x--- x000
u--- u000
u--- uuuu
EECON2
870
871
---- ----
---- ----
---- ----
TABLE 11-6:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends
on condition, r = reserved maintain clear.
Note 1: One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the inter-
rupt vector (0004h).
3: See Table 11-5 for reset value for specific condition.
TPWRT
TOST
VDD
MCLR
INTERNAL POR
PWRT TIME-OUT
OST TIME-OUT
INTERNAL RESET
TPWRT
TOST
VDD
MCLR
INTERNAL POR
PWRT TIME-OUT
OST TIME-OUT
INTERNAL RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com