Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F871/SP Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC16F871/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F871/SP Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16F871/SP Datasheet HTML 86Page - Microchip Technology PIC16F871/SP Datasheet HTML 87Page - Microchip Technology PIC16F871/SP Datasheet HTML 88Page - Microchip Technology PIC16F871/SP Datasheet HTML 89Page - Microchip Technology PIC16F871/SP Datasheet HTML 90Page - Microchip Technology PIC16F871/SP Datasheet HTML 91Page - Microchip Technology PIC16F871/SP Datasheet HTML 92Page - Microchip Technology PIC16F871/SP Datasheet HTML 93Page - Microchip Technology PIC16F871/SP Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 156 page
background image
PIC16F870/871
DS30569A-page 90
Preliminary
© 1999 Microchip Technology Inc.
REGISTER 11-1: CONFIGURATION WORD
CP1
CP0
DEBUG
—
WRT
CPD
LVP
BODEN
CP1
CP0
PWRTE
WDTE
F0SC1
F0SC0
Register: CONFIG
Address 2007h
bit13
bit0
bit 13-12:
bit 5-4:
CP<1:0>: Flash Program Memory Code Protection bits (2)
11
= Code protection off
10
= Not supported
01
= Not supported
00
= Code protection on
bit 11:
DEBUG: In-Circuit Debugger Mode
1
= In-Circuit Debugger disabled, RB6 and RB7 are general purpose I/O pins.
0
= In-Circuit Debugger enabled, RB6 and RB7 are dedicated to the debugger.
bit 10:
Unimplemented: Read as ‘1’
bit 9:
WRT: Flash Program Memory Write Enable
1
= Unprotected program memory may be written to by EECON control
0
= Unprotected program memory may not be written to by EECON control
bit 8:
CPD: Data EE Memory Code Protection
1
= Code protection off
0
= Data EEPROM memory code protected
bit 7:
LVP: Low Voltage In-Circuit Serial Programming Enable bit
1
= RB3/PGM pin has PGM function, low voltage programming enabled
0
= RB3 is digital I/O, HV on MCLR must be used for programming
bit 6:
BODEN: Brown-out Reset Enable bit (1)
1
= BOR enabled
0
= BOR disabled
bit 3:
PWRTE: Power-up Timer Enable bit (1)
1
= PWRT disabled
0
= PWRT enabled
bit 2:
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
Note 1: Enabling Brown-out Reset automatically enables Power-up Timer (PWRT), regardless of the value of bit PWRTE. Ensure
the Power-up Timer is enabled anytime Brown-out Reset is enabled.
2: All of the CP<1:0> pairs have to be given the same value to enable the code protection scheme listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com