Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS28 Datasheet(PDF) 6 Page - International Rectifier

Part # LS28
Description  28V Input, Single/Dual Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS28 Datasheet(HTML) 6 Page - International Rectifier

Back Button LS28 Datasheet HTML 2Page - International Rectifier LS28 Datasheet HTML 3Page - International Rectifier LS28 Datasheet HTML 4Page - International Rectifier LS28 Datasheet HTML 5Page - International Rectifier LS28 Datasheet HTML 6Page - International Rectifier LS28 Datasheet HTML 7Page - International Rectifier LS28 Datasheet HTML 8Page - International Rectifier LS28 Datasheet HTML 9Page - International Rectifier LS28 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.irf.com
LS-SERIES
(28V Input, Single/Dual Output)
Circuit for Measuring Output Ripple Voltage
+ Vout
Return
DUT
R
L for IRATED
0.1 µF
50
Ω Coax
50
Ω
Oscilliscope or equivalent
with 10 MHz bandwidth,
multiply readings by 2.
1 µF
50
Ω
Termination
International Rectifier currently does not have a DLA Land and Maritime certified Radiation Hardness
Assurance Program.
Radiation Performance Characteristics
Test
Conditions
Min
Typ
Unit
MIL-PRF-883, Method 1019.5
Total Ionizing Dose (Gamma)
Operating bias applied during exposure,
Half Rated Load, VIN = 28V
100
Krads(Si)
Heavy Ions (LET)
Single Event Effects
Operating bias applied during exposure,
SEU, SEL, SEGR, SEB
Full Rated Load, VIN = 18V, 28V & 40V
82
MeVxcm
2/mg
Test lab: Cyclotron Institute,
Texas A & M University



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com