Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS28 Datasheet(PDF) 4 Page - International Rectifier

Part # LS28
Description  28V Input, Single/Dual Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS28 Datasheet(HTML) 4 Page - International Rectifier

  LS28 Datasheet HTML 1Page - International Rectifier LS28 Datasheet HTML 2Page - International Rectifier LS28 Datasheet HTML 3Page - International Rectifier LS28 Datasheet HTML 4Page - International Rectifier LS28 Datasheet HTML 5Page - International Rectifier LS28 Datasheet HTML 6Page - International Rectifier LS28 Datasheet HTML 7Page - International Rectifier LS28 Datasheet HTML 8Page - International Rectifier LS28 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
www.irf.com
LS-SERIES
(28V Input, Single/Dual Output)
Electrical Performance Characteristics ( continued )
For Notes to Electrical Performance Characteristics, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Current, no load ( IIN)
LS2801R5S
LS2802R5S
LS2803R3S
LS2805S
LS2812S
LS2815S
LS2805D
LS2812D
LS2815D
1,2,3
IOUT = 0, Pin 4 open
60
60
60
70
70
70
70
100
100
mA
Input current inhibited
1,2,3
Pin 4 shorted to pin 2
8.0
mA
Output Ripple, ( VRIP)
LS2801R5S
LS2802R5S
LS2803R3S
LS2805S
LS2812S
LS2815S
LS2805D
LS2812D
LS2815D
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 100% rated load
Notes 4, 6
35
35
35
50
70
80
80
80
80
mV p-p
Switching frequency ( FS )
1,2,3
425
500
575
KHz
Efficiency ( EFF )
LS2801R5S
LS2802R5S
LS2803R3S
LS2805S
LS2812S
LS2815S
LS2805D
LS2812D
LS2815D
1,2,3
IOUT = 100% rated load
Note 4
61
68
72
78
78
78
79
79
79
64
72
76
82
82
82
83
83
83
%
Enable Input ( Inhibit Function )
open circuit voltage
drive current ( sink )
voltage range
Note 1
9.5
-0.5
12
5.0
50
V
mA
V
Current Limit Point
Expressed as a percentage
of full rated load current
1,2,3
Vout = 90% of Nominal, Note 4
105
145
%
Power dissipation, load fault (PD)
1,2,3
Short Circuit, Overload, Note 8
14
W
Output response to
step load changes (VTLD)
4,5,6
Half Load to/from Full Load, Notes 4,9
-300
300
mV pk
Recovery time,
step load changes (TTLD)
4,5,6
Half Load to/from Full Load, Note
4,9,10
200
µs
Output response to
step line changes (VTLN)
18V to/from 40V
IOUT = 100% rated load, Notes 1,4,11
-300
300
mV pk
Recovery Time,
step line changes (TTLN)
18V to/from 40V
IOUT = 100% rated load, Notes
1,4,10,11
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com