Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX445C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX445C/D
Description  Low-Cost, High-Resolution, 200MHz Video CRT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX445C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX445C/D Datasheet HTML 1Page - Maxim Integrated Products MAX445C/D Datasheet HTML 2Page - Maxim Integrated Products MAX445C/D Datasheet HTML 3Page - Maxim Integrated Products MAX445C/D Datasheet HTML 4Page - Maxim Integrated Products MAX445C/D Datasheet HTML 5Page - Maxim Integrated Products MAX445C/D Datasheet HTML 6Page - Maxim Integrated Products MAX445C/D Datasheet HTML 7Page - Maxim Integrated Products MAX445C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low-Cost, High-Resolution, 200MHz
Video CRT Driver
4
_______________________________________________________________________________________
__________Applications Information
Differential Inputs
VIN+ and VIN- are differential video input pins designed
to allow DC coupling of a 0V to +1V signal into VIN+, with
respect to VIN-. For correct operation, it is recommend-
ed that the signals applied to these inputs be kept within
±1V, with respect to ground. Although large signals and
offsets can be handled safely without damage, exceed-
ing these limits may cause output linearity to suffer.
Contrast Control
The contrast control is the overall DC-gain control that
will vary the voltage gain from 0V/V to -90V/V (with a
200
Ω load resistor). An internal reference supply pin,
VREF, provides the nominal 5.5V needed to drive the
contrast input. Normally, a 5k
Ω potentiometer between
VREF and ground is used to vary the contrast, but an
external source can be used instead of VREF, with some
degradation of gain stability with temperature.
The contrast control is a linear relationship. Vary the
input from 0V to 5V to achieve a voltage-gain range of
0V/V to -90V/V. This yields the following relationship for
overall voltage gain of this device (for IOUT < 250mA):
VAA - VO
= [VIN (Gm) + VOFFSET (0.02)] (RL)
VAA - VO = [VIN (VCONTRAST) (0.09) + VOFFSET (0.02)] (RL)
The MAX445’s overall gain can vary by ±20% due to
normal process variations of internal components. Also,
if multiple devices are used in a system, all devices
must track thermally (i.e., a common heatsink).
Offset Control
The offset control is used to set the output quiescent
current from 5mA to 110mA (typ) when the control input
is adjusted from 0V to 5V. Normally, offset is adjusted
using a 5k
Ω potentiometer between VREF and ground.
Blank Control
When asserted (BLANK = TTL high), this input will dis-
able the video signal and allow the output to rise to the
VAA supply independent of offset control.
Bandgap Reference
VREF is a bandgap bias reference for easy adjustment
of the offset and contrast inputs. This reference has a
nominal output voltage of 5.5V ±5% that can source up
to 4mA.
MAX445
0.1
µF
3
VEE
(-10.5V)
5k
+10V
D1
1N4152
50V
25
Ω
24
Ω
50
Ω
0.1
µF
0.1
µF
4
IOUT
D4
7
CONTRAST
VIN+
OFFSET
5k
-10.5V
ANALOG
INPUT
BLANK
GNDA
GND
2
10
17
16
VREF
6
VIN-
11
5
24*
BLANK
VEE
BEAD*
VEE
89
VEEO
21
0.1
µF
0.1
µF
BEAD*
10pF
19
L2
NOTES:
CL COMBINES CRT CATHODE, AND PARASITIC C.
D4 (PHILIPS BAV20 OR HITACHI 1SS91) IS ARC PROTECTION DIODE.
SEE
APPLICATIONS INFORMATION SECTION.
L1, L2, L3, AND CB ARE
ELEMENTS OF THE PEAKING COIL.
LS IS THE TOTAL INDUCTANCE
TO THE CATHODE. RS IS A SERIES
ARC PROTECTION ELEMENT.
L3
L1
LS
RL
200
Ω
10W
RS
100
Ω
W (CARBON)
D2
1N4152
50V
D3
1N486A
100V
22
µF
100V
CB
VAA
(+75V)
CR
1
2
CL
VCC
VCB
VCB
* STACK POLE 57-0180 OR
INDIANA GENERAL F-1650-H
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com