Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX241ECAI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX241ECAI
Description  15kV ESD-Protected, 5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX241ECAI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX241ECAI Datasheet HTML 1Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 2Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 3Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 4Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 5Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
_______________________________________________________________________________________
±15kV ESD-Protected, +5V RS-232 Transceivers
ABSOLUTE MAXIMUM RATINGS
VCC..........................................................................-0.3V to +6V
V+ ................................................................(VCC - 0.3V) to +14V
V- ............................................................................-14V to +0.3V
Input Voltages
T_IN ............................................................-0.3V to (V+ + 0.3V)
R_IN ...................................................................................±30V
Output Voltages
T_OUT.................................................(V- - 0.3V) to (V+ + 0.3V)
R_OUT ......................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration, T_OUT....................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)....842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) .....696mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) ......762mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ...........755mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)...889mW
20-Pin SO (derate 10.00mW/°C above +70°C).............800mW
24-Pin Narrow Plastic DIP
(derate 13.33mW/°C above +70°C) ...............................1.07W
24-Pin Wide Plastic DIP
(derate 14.29mW/°C above +70°C) ................................1.14W
24-Pin SO (derate 11.76mW/°C above +70°C).............941mW
24-Pin SSOP (derate 8.00mW/°C above +70°C) ..........640mW
28-Pin SO (derate 12.50mW/°C above +70°C)....................1W
28-Pin SSOP (derate 9.52mW/°C above +70°C) ..........762mW
Operating Temperature Ranges
MAX2_ _EC_ _ .....................................................0°C to +70°C
MAX2_ _EE_ _...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +5V ±10% for MAX202E/206E/208E/211E/213E/232E/241E; VCC = +5V ±5% for MAX203E/205E/207E; C1–C4 = 0.1µF for
MAX202E/206E/207E/208E/211E/213E; C1–C4 = 1µF for MAX232E/241E; TA = TMIN to TMAX; unless otherwise noted. Typical values
are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
R_OUT; IOUT = -1.0mA
V
3.5 VCC - 0.4
Output Voltage High
VOH
EN = VCC, EN = 0V, 0V ≤ ROUT ≤ VCC,
MAX205E–208E/211E/213E/241E outputs disabled
µA
±0.05
±10
Output Leakage Current
R_OUT; IOUT = 3.2mA (MAX202E/203E/232E) or
IOUT = 1.6mA (MAX205E/208E/211E/213E/241E)
V
0.4
Output Voltage Low
VOL
T_IN; EN, SHDN (MAX213E) or
EN, SHDN (MAX205E–208E/211E/241E)
V
0.8
Input Threshold Low
VIL
815
T_IN = 0V (MAX205E–208E/211E/213E/241E)
µA
15
200
Input Pull-Up Current
PARAMETER
CONDITIONS
SYMBOL
UNITS
MIN
TYP
MAX
VCC Supply Current
ICC
mA
11
20
No load, TA = +25°C
14
20
510
MAX211E/213E
MAX232E
715
MAX241E
MAX205E–208E
EN, SHDN (MAX213E) or EN, SHDN
(MAX205E–208E/211E/241E)
2.4
T_IN
V
2.0
Input Threshold High
VIH
MAX205E/206E
110
110
MAX211E/241E
T_IN = 0V to VCC (MAX202E/203E/232E)
µA
±10
Input Leakage Current
MAX202E/203E
15
50
MAX213E
DC CHARACTERISTICS
LOGIC
Shutdown Supply Current
TA = +25°C, Figure 1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com