Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX241ECAI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX241ECAI
Description  15kV ESD-Protected, 5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX241ECAI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX241ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 11Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 12Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 13Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 14Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 15Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 16Page - Maxim Integrated Products MAX241ECAI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
______________________________________________________________________________________
13
±15kV ESD-Protected, +5V RS-232 Transceivers
__________Applications Information
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation. The MAX202E, MAX206–MAX208E,
MAX211E, and MAX213E require 0.1µF capacitors,
and the MAX232E and MAX241E require 1µF
capacitors, although in all cases capacitors up to 10µF
can be used without harm. Ceramic, aluminum-
electrolytic, or tantalum capacitors are suggested for
the 1µF capacitors, and ceramic dielectrics are
suggested for the 0.1µF capacitors. When using the
minimum recommended capacitor values, make sure
the capacitance value does not degrade excessively
as the operating temperature varies. If in doubt, use
capacitors with a larger (e.g., 2x) nominal value. The
capacitors’ effective series resistance (ESR), which
usually rises at low temperatures, influences the
amount of ripple on V+ and V-.
Use larger capacitors (up to 10µF) to reduce the output
impedance at V+ and V-. This can be useful when
“stealing” power from V+ or from V-. The MAX203E and
MAX205E have internal charge-pump capacitors.
Bypass VCC to ground with at least 0.1µF. In
applications sensitive to power-supply noise generated
by the charge pumps, decouple VCC to ground with a
capacitor the same size as (or larger than) the charge-
pump capacitors (C1–C4).
V+ and V- as Power Supplies
A small amount of power can be drawn from V+ and V-,
although this will reduce both driver output swing and
noise margins. Increasing the value of the charge-pump
capacitors (up to 10µF) helps maintain performance
when power is drawn from V+ or V-.
Driving Multiple Receivers
Each transmitter is designed to drive a single receiver.
Transmitters can be paralleled to drive multiple
receivers.
Driver Outputs when Exiting Shutdown
The driver outputs display no ringing or undesirable
transients as they come out of shutdown.
High Data Rates
These transceivers maintain the RS-232 ±5.0V
minimum driver output voltages at data rates of over
120kbps. For data rates above 120kbps, refer to the
Transmitter Output Voltage vs. Load Capacitance
graphs in the Typical Operating Characteristics.
Communication at these high rates is easier if the
capacitive loads on the transmitters are small; i.e.,
short cables are best.
Table 2. Summary of EIA/TIA-232E, V.28 Specifications
PARAMETER
CONDITIONS
EIA/TIA-232E, V.28
SPECIFICATIONS
0 Level
3kΩ to 7kΩ load
+5V to +15V
Data Rate
3kΩ≤ RL ≤ 7kΩ, CL ≤ 2500pF
Up to 20kbps
+3V to +15V
Instantaneous Slew Rate, Max
3kΩ≤ RL ≤ 7kΩ, CL ≤ 2500pF
30V/µs
Driver Output Short-Circuit Current, Max
100mA
Transition Rate on Driver Output
V.28
1ms or 3% of the period
Driver Output Resistance
-2V < VOUT < +2V
300Ω
EIA/TIA-232E
4% of the period
Driver Output Level, Max
No load
±25V
Driver Output Voltage
3kΩ to 7kΩ load
-5V to -15V
0 Level
1 Level
1 Level
Receiver Input Level
±25V
Receiver Input Voltage
-3V to -15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com