Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX110BC/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX110BC/D
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110BC/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX110BC/D Datasheet HTML 1Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 2Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
VDD to GND ...........................................................................+6V
VSS to GND (MAX110)..............................................+0.3V to -6V
AGND to DGND.....................................................-0.3V to +0.3V
VIN1+, VIN1- ......................................(VDD + 0.3V) to (VSS - 0.3V)
VIN2+, VIN2- ......................................(VDD + 0.3V) to (VSS - 0.3V)
VREF+, VREF- ....................................(VDD + 0.3V) to (VSS - 0.3V)
Digital Inputs and Outputs .........................(VDD + 0.3V) to -0.3V
Continuous Power Dissipation
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C).....842mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) ......762mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) ...........640mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C)......800mW
Operating Temperature Ranges
MAX11_ _C_ _......................................................0°C to +70°C
MAX11_ _E_ _ ...................................................-40°C to +85°C
MAX11_BMJE .................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS—MAX110
(VDD = 5V ±5%, VSS = -5V ±5%, fXCLK = 1MHz,
÷ 2 mode (DV2 = 1), 81,920 CLK cycles/conv, VREF+ = 1.5V, VREF- = -1.5V,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
LSB
nA
500
CONDITIONS
IIN+, IIN-
Input Bias Current
(Note 3)
pF
10
-0.83 x VREF ≤ VIN ≤ 0.83 x VREF
-VREF ≤ VIN ≤ VREF
-0.83 x VREF ≤ VIN ≤ 0.83 x VREF
Input Capacitance
-VREF ≤ VIN ≤ VREF
V
VSS +VDD -
2.25
2.25
VIN+,
VIN-
Absolute Input Voltage
Range
V
-VREF
+VREF
VIN
Differential Input Voltage
Range
ppm
30
Power-Supply Rejection
15
ppm/°C
8
Full-Scale Error
Temperature Drift
%
±0.1
µV/°C
0.003
Offset Error
Temperature Drift
(Note 6)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mV
±4
Offset Error
±0.018
±0.03
±0.06
±0.015
±0.03
±0.04
VIN+ = VIN- = 0V
MAX110BC/E
MAX110AC/E
After gain calibration (Note 5)
After offset null
VSS = -5V, VDD = 4.75V to 5.25V
VDD = 5V, VSS = -4.75V to -5.25V
(Notes 3, 4)
±2
DNL
Differential Nonlinearity
ppm/V
6
CMRR
Common-Mode Rejection
Ratio
-2.5V
≤ (VIN+ = VIN-) ≤ 2.5V
Uncalibrated
-8
0
Full-Scale Error
Uncalibrated
0.02
-VREF ≤ VIN ≤ VREF
-0.83 x VREF ≤ VIN ≤ 0.83 x VREF
%FSR
INL
Relative Accuracy
(Notes 3, 5–7)
±0.1
±0.05
MAX110BM
(Note 2)
14 + POL
+ OFL
RES
Resolution
Bits
No-Missing-Codes
Resolution
(Note 3)
13 + POL
+ OFL
Bits
ACCURACY (Note 1)
ANALOG INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com