Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX110BC/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX110BC/D
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110BC/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX110BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX110BC/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX110/MAX111 ADC converts low-frequency
analog signals to a 16-bit serial digital output (14 data
bits, a sign bit, and an overrange bit) using a first-order
sigma-delta loop (Figure 1). The differential input volt-
age is internally connected to a precision voltage-to-
current converter. The resulting current is integrated
and applied to a comparator. The comparator output
then drives an up/down counter and a 1-bit DAC. When
the DAC output is fed back to the integrator input, the
sigma-delta loop is completed.
During a conversion, the comparator output is a VREF-
to VREF+ square wave; its duty cycle is proportional to
the magnitude of the differential input voltage applied
to the ADC. The up/down counter clocks data in from
the comparator at the oversampling clock rate and
averages the pulse-width-modulated (PWM) square
wave to produce the conversion result. A 16-bit static
shift register stores the result at the end of the conver-
sion. Figure 2 shows the ADC waveforms for a differen-
tial analog input equal to 1/2 (VREF+ - VREF-). The
resulting comparator and 1-bit DAC outputs are high
for seven cycles and low for three cycles of the over-
sampling clock.
Since the analog input signal is integrated over many
clock cycles, much of the signal and quantization noise
is attenuated. The more clock cycles allowed during
each conversion, the greater the noise attenuation (see
Programming Conversion Time).
______________________________________________________________Pin Description
Clock Input / RC Oscillator Output. TTL/CMOS-compatible oversampling clock input
when RCSEL = GND. Connects to the internal RC oscillator when RCSEL = VDD. XCLK
must be connected to VDD or GND through a resistor (1MΩ or less) when RC OSC
mode is selected.
XCLK
8
Serial Clock Input. TTL/CMOS-compatible clock input for serial-interface data I/O.
SCLK
9
Busy Output. Goes low at conversion start, and returns high at end of conversion.
BUSY
10
Positive Power-Supply Input—connect to +5V
VDD
6
RC Select Input. Connect to GND to select external clock mode. Connect to VDD to
select RC OSC mode. XCLK must be connected to VDD or GND through a resistor
(1M
Ω or less) when RC OSC mode is selected.
RCSEL
7
Positive Reference Input
REF+
3
Negative Reference Input
REF-
2
Channel 1 Positive Analog Input
IN1+
1
FUNCTION
NAME
SSOP
6
7
8
4
5
3
2
PIN
1
DIP/SO
Chip-Select Input. Pull this input low to perform a control-word-write/data-read opera-
tion. A conversion begins when CS returns high, provided NO-OP is a 1. See the sec-
tion
Using the MAX110/MAX111 with SPI, QSPI, and MICROWIRE Serial Interfaces.
CS
11
9
Serial Data Output. High-impedance when CS is high.
DOUT
12
10
Serial Data Input. See
Control Register section.
DIN
13
11
Digital Ground
GND
16
12
MAX110 Negative Power-Supply Input—connect to -5V
VSS
Channel 2 Negative Analog Input
IN2-
18
14
Channel 2 Positive Analog Input
IN2+
19
15
Channel 1 Negative Analog Input
IN1-
20
16
No Connect—there is no internal connection to this pin
N.C.
4, 5, 14, 15
—
MAX111 Analog Ground
AGND
17
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com