Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG445C/ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG445C/
Description  Improved, Quad, SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG445C/ Datasheet(HTML) 7 Page - Maxim Integrated Products

  DG445C/ Datasheet HTML 1Page - Maxim Integrated Products DG445C/ Datasheet HTML 2Page - Maxim Integrated Products DG445C/ Datasheet HTML 3Page - Maxim Integrated Products DG445C/ Datasheet HTML 4Page - Maxim Integrated Products DG445C/ Datasheet HTML 5Page - Maxim Integrated Products DG445C/ Datasheet HTML 6Page - Maxim Integrated Products DG445C/ Datasheet HTML 7Page - Maxim Integrated Products DG445C/ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Improved, Quad, SPST Analog Switches
_______________________________________________________________________________________
7
∆VOUT
OFF
ON
OFF
VOUT
IN
DG444
IN
DG445
OFF
OFF
ON
Q =
∆VOUT × CL
-15V
V-
V+
IN
GND
S
+15V
RGEN
VGEN
VIN = +3V
CL
VOUT
VL
+5V
D
DG444
DG445
Figure 3. Charge Injection
_________________________________Timing Diagrams/Test Circuits (continued)
NETWORK
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
D
S
GND
RL
10dBm
10nF
V+
+15V
IN
0V or +2.4V
V-
-15V
10nF
+5V
VL
DG444
DG445
Figure 4. Off-Isolation Rejection Ratio
NETWORK
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
0V or +2.4V
IN
D
GND
RL
10dBm
10nF
+15V
D
IN
S
NC
0V or +2.4V
50
V-
-15V
10nF
+5V
S
VL
V+
DG444
DG445
Figure 5. Crosstalk
CAPACITANCE
METER
D
S
GND
10nF
+15V
IN
0V or +2.4V
V-
-15V
10nF
f = 1MHz
+5V
VL
V+
DG444
DG445
Figure 6. Source/Drain-Off Capacitance
D
S
GND
10nF
+15V
IN
0V or +2.4V
V-
-15V
10nF
V+
+5V
VL
VD
DG444
DG445
CAPACITANCE
METER
f = 1MHz
Figure 7. Source/Drain-On Capacitance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com