Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG445C/ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG445C/
Description  Improved, Quad, SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG445C/ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG445C/ Datasheet HTML 1Page - Maxim Integrated Products DG445C/ Datasheet HTML 2Page - Maxim Integrated Products DG445C/ Datasheet HTML 3Page - Maxim Integrated Products DG445C/ Datasheet HTML 4Page - Maxim Integrated Products DG445C/ Datasheet HTML 5Page - Maxim Integrated Products DG445C/ Datasheet HTML 6Page - Maxim Integrated Products DG445C/ Datasheet HTML 7Page - Maxim Integrated Products DG445C/ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Improved, Quad, SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
UNITS
rFLAT(ON)
15
9
∆rDS(ON)
4
100
-0.50
0.01
0.50
Source Leakage Current
(Note 5)
IS(OFF)
-5
5
nA
-0.50
0.01
0.50
Drain-Off Leakage Current
(Note 5)
ID(OFF)
-5
5
nA
Analog Signal Range
-15
15
V
Drain-Source
On-Resistance
rDS(ON)
50
85
-0.50
0.08
0.50
Drain-On Leakage Current
(Note 5)
-10
10
nA
IINH
-0.5
-0.00001
0.5
µA
IINL
-0.5
-0.00001
0.5
µA
CONDITIONS
(Note 3)
Voltage Referenced to V-
V+........................................................................................44V
GND ....................................................................................25V
VL ....................................................(GND -0.3V) to (V+ +0.3V)
Digital Inputs VS, VD (Note 1).........(V- -2V) to (V+ +2V) or 30mA
(whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Peak Current, S or D (pulsed at 1ms, 10% duty cycle max) .100mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C) 842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ..696mW
Operating Temperature Ranges
DG444C/DG445C ................................................0°C to +70°C
DG444D/DG445D .............................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VANALOG
TA = +25°C
V+ = 13.5V, V- = -13.5V,
VD = ±8.5V,
IS = -10mA
TA = TMIN to TMAX
On-Resistance Match
Between Channels (Note 4)
TA = +25°C
5
TA = TMIN to TMAX
VD = ±10V,
IS = -10mA
TA = +25°C
TA = TMIN to TMAX
On-Resistance Flatness (Note 4)
VD = ±5V,
IS = -10mA
TA = +25°C
TA = TMIN to TMAX
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
ID(ON)
or
IS(ON)
Input Current with
Input Voltage High
Input Current with
Input Voltage Low
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
VIN = 2.4V, all others = 0.8V
VIN = 0.8V, all others = 2.4V
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS = ±15.5V
MIN
TYP
MAX
(Note 2)
SWITCH
INPUT
Note 1: Signals on S, D, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current rating.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com