Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG441C/ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG441C/
Description  Improved, Quad, SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG441C/ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG441C/ Datasheet HTML 1Page - Maxim Integrated Products DG441C/ Datasheet HTML 2Page - Maxim Integrated Products DG441C/ Datasheet HTML 3Page - Maxim Integrated Products DG441C/ Datasheet HTML 4Page - Maxim Integrated Products DG441C/ Datasheet HTML 5Page - Maxim Integrated Products DG441C/ Datasheet HTML 6Page - Maxim Integrated Products DG441C/ Datasheet HTML 7Page - Maxim Integrated Products DG441C/ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Improved, Quad, SPST Analog Switches
_______________________________________________________________________________________
3
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
All channels on or off, V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
TA = +25°C
f = 1MHz, Figure 6
TA = +25°C
pF
TA = +25°C
TA = +25°C
CL = 1nF, VGEN = 0V,
RGEN = 0Ω, Figure 3
All channels on or off,
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
TA = +25°C
All channels on or off, V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
CONDITIONS
110
170
Q
Charge Injection (Note 3)
pC
510
TA = +25°C
DG441, VD = ±10V, Figure 2
ns
4
CD(OFF)
Drain Off-Capacitance
pF
4
TA = +25°C
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 5
dB
60
Crosstalk (Note 7)
dB
-100
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 4
OIRR
Off-Isolation Rejection
Ratio (Note 6)
f = 1MHz, Figure 6
CS(OFF)
Source Off-Capacitance
TA = +25°C
µA
15
100
I+
Positive Supply Current
V
±4.5
±20.0
V+, V-
Power-Supply Range
150
250
tOFF
Turn-Off Time
ns
90
120
VS = ±10V, RL = 1kΩ, Figure 2
tON
µA
-1
-0.0001
1
I-
Negative Supply Current
-5
5
Turn-On Time
DG442, VD = ±10V, Figure 2
µA
-100
-15
IGND
Ground Current
f = 1MHz, Figure 6
CD(ON)
Drain On-Capacitance
pF
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
16
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = 15V, V- = -15V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
SUPPLY
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com