Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5259B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5259B
Description  500mW, 5% Tolerance SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5259B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5259B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: DS_S1407007
MMSZ5221B ~ MMSZ5263B
Taiwan Semiconductor
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
(TA=25℃ unless otherwise noted)
Version: D14
0.01
0.1
1
10
100
0
1
2
3
4
5
6
7
8
9
10 11 12
Zener Voltage (V)
Fig. 2 Zener Breakdown Characteristics
T
A=25
oC
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
Zener Voltage (V)
Fig. 3 Zener Breakdown Characteristics
T
A=25
oC
1
10
100
1000
1
10
100
Zener Voltage (V)
Fig. 5 Typical Capacitance
T
A=25
oC
0
100
200
300
400
500
600
700
0
50
100
150
200
Ambient Temperature (oC)
Fig. 4 Admissible Dissipation VS. Ambient Temperature
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Forward Voltage (V)
Fig. 1 Typical Forward Voltage
T
A=25
oC
1
10
100
1000
1
10
100
Zener Voltage (V)
Fig. 6 Effect of Zener Voltage on Impedence
I
Z=5mA
I
Z=20mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com