Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5259B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5259B
Description  500mW, 5% Tolerance SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5259B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5259B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ5259B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(VF Forward Voltage = 0.9V Maximum @ IF = 10 mA for all part numbers)
IZT
ZZT @ IZT
ZZk @ Izk
IZK
IR
VR
Min(V) Nom(V) Max(V)
mA
mA
µA
V
MMSZ5221B
Z2V4
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMSZ5222B
Z2V5
2.38
2.5
2.63
20
30
1250
0.25
100
1
MMSZ5223B
Z2V7
2.57
2.7
2.84
20
30
1300
0.25
75
1
MMSZ5224B
Z2V8
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMSZ5225B
Z3V0
2.85
3.0
3.15
20
29
1600
0.25
50
1
MMSZ5226B
Z3V3
3.14
3.3
3.47
20
28
1600
0.25
25
1
MMSZ5227B
Z3V6
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMSZ5228B
Z3V9
3.71
3.9
4.10
20
23
1900
0.25
10
1
MMSZ5229B
Z4V3
4.09
4.3
4.52
20
22
2000
0.25
5
1
MMSZ5230B
Z4V7
4.47
4.7
4.94
20
19
1900
0.25
5
2
MMSZ5231B
Z5V1
4.85
5.1
5.36
20
17
1600
0.25
5
2
MMSZ5232B
Z5V6
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMSZ5233B
Z6V0
5.70
6.0
6.30
20
7
1600
0.25
5
3.5
MMSZ5234B
Z6V2
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMSZ5235B
Z6V8
6.46
6.8
7.14
20
5
750
0.25
3
5
MMSZ5236B
Z7V5
7.13
7.5
7.88
20
6
500
0.25
3
6
MMSZ5237B
Z8V2
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMSZ5238B
Z8V7
8.27
8.7
9.14
20
8
600
0.25
3
6.5
MMSZ5239B
Z9V1
8.65
9.1
9.56
20
10
600
0.25
3
7
MMSZ5240B
Z10V
9.50
10
10.50
20
17
600
0.25
3
8
MMSZ5241B
Z11V
10.45
11
11.55
20
22
600
0.25
2
8.4
MMSZ5242B
Z12V
11.40
12
12.60
20
30
600
0.25
1
9.1
MMSZ5243B
Z13V
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMSZ5244B
Z14V
13.30
14
14.70
9.0
15
600
0.25
0.1
10
MMSZ5245B
Z15V
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMSZ5246B
Z16V
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMSZ5247B
Z17V
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMSZ5248B
Z18V
17.10
18
18.90
7.0
21
600
0.25
0.1
14
MMSZ5249B
Z19V
18.05
19
19.95
6.6
23
600
0.25
0.1
14
MMSZ5250B
Z20V
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMSZ5251B
Z22V
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMSZ5252B
Z24V
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMSZ5253B
Z25V
23.75
25
26.25
5.0
35
600
0.25
0.1
19
MMSZ5254B
Z27V
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMSZ5255B
Z28V
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMSZ5256B
Z30V
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMSZ5257B
Z33V
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMSZ5258B
Z36V
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMSZ5259B
Z39V
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMSZ5260B
Z43V
40.85
43
45.15
3.0
93
900
0.25
0.1
33
MMSZ5261B
Z47V
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MMSZ5262B
Z51V
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MMSZ5263B
Z56V
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
Note: 1. The zener Voltage (VZ) is tested under pulse condition of 1ms
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±5%.
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having
an RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK .
Document Number: DS_S1407007
Version: D14
MMSZ5221B ~ MMSZ5263B
Taiwan Semiconductor
ELECTRICAL CHARACTERISTICS
( TA= 25oC unless otherwise noted )
Device
Type
Marking
Code
Zener Voltage Range
Maximun Zener
Impedance
Ω
Small Signal Product
Maximun
Reverse
Current
VZ @ IZT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com