Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS115LS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS115LS
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS115LS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS115LS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS115LS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS115LS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS115LS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Ideal for automated placement
- Compact package size, profile <0.85mm
- High surge current capability
- Low power loss, high efficiency
- AEC-Q101 qualified and Halogen free only
- Halogen-free according to IEC 61249-2-21 definition
Case:
SOD123HE
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
with prefix "H" on packing code meet JESD 201 class 2 whisker test
Polarity:
Indicated by cathode band
Weight:
21mg (approximately)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
CJ
pF
TJ
OC
TSTG
OC
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V DC
Document Number: DS_D1406025
Version: B14
0.5
Typical junction capacitance (Note 2)
Maximum reverse current @ rated VR TJ=25
oC
TJ=125
oC
IR
0.4
-
12LS
13LS
0.70
0.75
0.55
0.70
0.80
0.90
0.51
0.58
SS16
LS
16LS
60
60
42
SS13
LS
SS12LS - SS115LS
Surface Mount Schottky Barrier Rectifier
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
Taiwan Semiconductor
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
IFSM
SS115
LS
14LS
10LS
A5LS
28
TYPICAL APPLICATIONS
The devices are designed for high frequency miniature switched
mode power supplies such as adapters, lighting and on-board
DC/DC converters.
UNIT
Marking code
Maximum repetitive peak reverse voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
SS14
LS
SS110
LS
40
SS12
LS
mA
A
Maximum instantaneous forward voltage @ 0.5 A
(Note 1)
@ 1.0 A
VF
V
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
0.05
Note 1: Pulse test with PW=300μs, 1% duty cycle
- 55 to +150
Typical thermal resistance
RθJC
RθJA
OC/W
Operating junction temperature range
Storage temperature range
70
105
40
100
150
100
150
0.50
20
30
14
21
20
30
80
25
70
- 55 to +125
- 55 to +150
SOD123HE
1
30
--
0.45


Similar Part No. - SS115LS

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS115L SSC-SS115L Datasheet
232Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS115L TSC-SS115L Datasheet
545Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS115L TSC-SS115L Datasheet
204Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS115L JUXING-SS115L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
logo
Multicomp Pro
SS115L MULTICOMP-SS115L Datasheet
1Mb / 3P
Schottky Barrier Rectifier
16/12/21 V1.0
More results

Similar Description - SS115LS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com