Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS115LS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SS115LS
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS115LS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SS115LS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS115LS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS115LS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS115LS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.65
1.95
0.065
0.077
B
2.60
3.00
0.102
0.118
C
0.85
1.15
0.033
0.045
D
0.75
0.85
0.030
0.033
E
0.10
0.20
0.004
0.008
F
0.55
0.75
0.022
0.030
G
0.35
0.55
0.014
0.022
H
1.90
2.30
0.075
0.091
I
1.35
1.55
0.053
0.061
J
0.95
1.25
0.037
0.049
K
3.50
3.90
0.138
0.154
L
0.35
0.55
0.014
0.022
P/N
= Marking Code
YW
= Date Code
F
= Factory Code
Document Number: DS_D1406025
Version: B14
MARKING DIAGRAM
SS12LS - SS115LS
Taiwan Semiconductor
C0.70
D
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0.055
0.90
E1.40
SUGGESTED PAD LAYOUT
A1.40
B2.40
Symbol
SOD123HE
Unit (inch)
0.055
0.094
0.028
0.035
Unit (mm)
1
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
20V-60V
100V-150V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com