Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2014 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 19Page - STMicroelectronics AN2014 Datasheet HTML 20Page - STMicroelectronics AN2014 Datasheet HTML 21Page - STMicroelectronics AN2014 Datasheet HTML 22Page - STMicroelectronics AN2014 Datasheet HTML 23Page - STMicroelectronics AN2014 Datasheet HTML 24Page - STMicroelectronics AN2014 Datasheet HTML 25Page - STMicroelectronics AN2014 Datasheet HTML 26Page - STMicroelectronics AN2014 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
DocID10701 Rev 10
23/65
AN2014
Hardware considerations
64
4
Hardware considerations
EEPROM connections are essential for an application’s robustness. During Power up,
Power down and Application Reset, input signals must be fully controlled to avoid
hazardous behavior or random operation. For each product family a good hard-wiring
design can protect the parts from uncontrolled behavior.
4.1
I2C family (M24xxx devices)
4.1.1
Chip enable (E0, E1, E2)
The Chip Enable (E0, E1, E2) inputs have an internal pull-down resistor. It is thus possible
to have the three Chip Enable inputs unconnected (Chip Enable address is then decoded as
‘000’). However, this configuration should be avoided since inputs are still prone to antenna-
like pick-up or other cross coupling effects.
To achieve a robust design, Ei inputs must not be driven dynamically but must be directly
tied to VCC or VSS.
Figure 16. Chip Enable inputs E0, E1, E2
The input leakage current on the Ei pins depends on the input voltage value (Table 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com