Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2014 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 9Page - STMicroelectronics AN2014 Datasheet HTML 10Page - STMicroelectronics AN2014 Datasheet HTML 11Page - STMicroelectronics AN2014 Datasheet HTML 12Page - STMicroelectronics AN2014 Datasheet HTML 13Page - STMicroelectronics AN2014 Datasheet HTML 14Page - STMicroelectronics AN2014 Datasheet HTML 15Page - STMicroelectronics AN2014 Datasheet HTML 16Page - STMicroelectronics AN2014 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
DocID10701 Rev 10
13/65
AN2014
EEPROM cell and memory array architecture
64
1.2
Electrical architecture of ST serial EEPROM arrays
In the previous section, the EEPROM functionality was considered at the single bit level.
We will now zoom out of the memory cell to the full EEPROM array, in order to give an
overview of the architecture of an EEPROM device.
1.2.1
Memory array architecture
An EEPROM device is made of an array of memory cells whose organization allows byte
granularity, the automatic erasing of the addressed bytes (Erased state), and the
programming of only those bits that are to be changed to ‘1’ (Written state). The array (as
shown in Figure 10) is organized as follows:
•
Each memory cell consists of one Select transistor in series with a FLOTOX transistor
and each byte is made up of eight memory cells and a Control Gate transistor with a
drain that is common to the Control Gates of all eight FLOTOX transistors.
•
Rows (in the horizontal direction) are made up of 16 bytes (or more, depending on the
memory size (the number of bytes within each row being a function of the array size).
For each row, all Select transistors and all Control Gate transistors are connected to
the Row line.
•
Columns are grouped by eight bit-lines plus one Cg-line. This is then repeated as many
times as the number of bytes in a row.
•
A bit-line is common to all the drains of the Select transistors of each memory cell
located in the column. A Cg-line is common to all the sources of the Control Gate
transistors of the column.
Figure 10. Architecture of the memory array (showing the grouping in bytes)
Note:
Figure 10 corresponds to a memory array without ECC (Error Correction Code) logic (see
Section 5.5: Cycling endurance and data retention and AN2440 for more details).
Cg-Line 0
8 Bit-Line Latches
8 Select
transistors
8 FLOTOX
transistors
Row-
Line 0
b07
b06
b00
Cg-Line i
8 Bit-Line Latches
bi7
bi6
bi0
Control
Gate
transistor
Row-
Line n
AI10224b
Column 0
Column i
Byte
Select
transistor
FLOTOX
transistor
Memory Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com