Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3003 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3003
Description  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3003 Datasheet HTML 8Page - Linear Technology LT3003 Datasheet HTML 9Page - Linear Technology LT3003 Datasheet HTML 10Page - Linear Technology LT3003 Datasheet HTML 11Page - Linear Technology LT3003 Datasheet HTML 12Page - Linear Technology LT3003 Datasheet HTML 13Page - Linear Technology LT3003 Datasheet HTML 14Page - Linear Technology LT3003 Datasheet HTML 15Page - Linear Technology LT3003 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3003
13
3003fa
1A Buck Mode LT3003 with the LT1618
Efficiency
LT3003
LED2
LED3
LED1
D1
14V
R1
1M
VIN
5V
C3
1
µF
50V
L1
10
µH
1.5A
PWM
100Hz, 5V
500:1 MAX PWM
DIMMING RATIO
COUT
1
µF
50V
CER
220pF
GND
PWM
VMAX
ILED = 333mA
PER STRING
VEE
VIN
SHDN
OT1
OT2
C1
4.7
µF
50V
CER
10nF
3003 TA05a
1k
1N4148W
ZLLS1000
RSENSE
0.05
Ω
1%, 1A
ISN
LT1618
ISP
VIN
SHDN
SW
Q4
2N7002
VC
IADJ
GND
FB
NC
1
µF
10V
CER
VIN
32V
TOTAL LED CURRENT (A)
0
77
78
79
80
81
82
83
0.2
0.4
0.6
0.8
3003 TA05b
1.0
NUMBER OF LEDS = 6
× 3 = 18
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com