Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3003 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3003
Description  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3003 Datasheet HTML 7Page - Linear Technology LT3003 Datasheet HTML 8Page - Linear Technology LT3003 Datasheet HTML 9Page - Linear Technology LT3003 Datasheet HTML 10Page - Linear Technology LT3003 Datasheet HTML 11Page - Linear Technology LT3003 Datasheet HTML 12Page - Linear Technology LT3003 Datasheet HTML 13Page - Linear Technology LT3003 Datasheet HTML 14Page - Linear Technology LT3003 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3003
11
3003fa
330mA Boost LT3003 with the LT3477
LT3003
VIN
VIN
C3
1
µF
25V
3003 TA03a
ILED
110mA PER STRING
6 to 8
LEDs PER STRING
4
5
9
11
10
VMAX
PWM
8
7
6
6
13
14
16
17
D1
11
32
1
VOUT
4V
LED1
LED2
LED3
VEE
GND
SHDN
OT1
OT2
FBN
ISP2
3
7
8
5
12
2
4
21
15
PWM
R3
6.81k
ISN2
FBP
VREF
RT
VC
D2
1N4148W
SHDN
LT3477
ISP1 ISN1
SW SW
GND
GND
SS
NC
NC
NC
1
10
9
VIN
IADJ1
IADJ2
18
19
20
R4
0.3
Ω
1%
R5
1.15M
1%
L1
4.7
µH
VIN
8V TO 16V
R6
45.3k
1%
C3
0.033
µF
C4
4.7
µF
50V
VOUT
C2
22nF
C1, C3: TAIYO YUDEN TMK212BJ105MG-BR
C4: MURATA GRM32ER71H475KA88L
D1: DIODES INC. DFLS140
L1: SUMIDA CDRH5D16-4R7
Q1
2N7002
C1
1
µF
25V
PWM DIMMING RATIO
1
10
100
10000
3003 TA03b
1
0.1
10
100
1000
1000
ILED = 110mA PER STRING
NUMBER OF LEDS = 8
× 3 = 24
VIN (V)
8
50
55
65
70
75
100
85
10
12
13
3003 TA03b
60
90
95
80
911
14
15
16
ILED = 110mA PER STRING
NUMBER OF LEDS = 8
× 3 = 24
PWM Dimming
Efficiency
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com