Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1069 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics AN1069 Datasheet HTML 10Page - STMicroelectronics AN1069 Datasheet HTML 11Page - STMicroelectronics AN1069 Datasheet HTML 12Page - STMicroelectronics AN1069 Datasheet HTML 13Page - STMicroelectronics AN1069 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
3.4.4 Emulation
For emulation, during the down load of the application into the emulator, the access to the dy-
namic segments cannot be configured properly since the emulator is in reset state. To get
around this, we can use the internal memory of the emulator as a buffer and then transfer the
information from the emulator memory (declared as SYSTEM memory in the Mapfile of ST
Visual Debugger (STVD9) to the external memory (declared as USER memory in the Map file
of STVD9). This operation is done in the Start up file of the software example after the initiali-
zation of the external memory interface (if needed). It is done by the secinfo table. Refer to
GCC9 user manual for more information on the secinfo section.
By using this process, we need twice as much memory since any external memory needs to
have a buffer. Therefore the maximum amount of memory available during emulation is 2MB.
3.4.5 Capabilities and limitations
Due to the fact that dynamic segments can only be accessed one by one, some limitations
apply to the way you write your program and manipulate data. Table 1 summarizes the capa-
bilities and limitations.
Table 1. Software capabilities and limitations
Legend: SS = Static Segment, DS = Dynamic Segment.
Type of data
Location
Capability
Emulation
Code
Execution in SS or DS
Yes
OK
Jump or call from SS to DS
Yes
OK
Jump or call from DS to SS
Yes
OK
Jump or call from DS to another DS
NO
N/A
Jump or call from DS to the same DS
Yes
OK
Constant
Located in the SS and used by a program
in the SS or DS
Yes
Always seen
Located in the DS and used by a program
in the SS or the same DS as the constant
Yes
Not seen if the DS is
not selected
Located in the DS and used by a program
in another DS
No
N/A
Initialized variables
Located in the SS and used by a program
in the SS or DS
Yes
Always seen
Located in the DS and used by a program
in the SS or the same DS as the constant
Yes
Not seen if the DS is
not selected
Located in the DS and used by a program
in another DS
No
N/A
Un-initialized varia-
bles
Located in the SS and used by a program
in the SS or DS
Yes
Always seen
Located in the DS and used by a program
in the SS or the same DS as the constant
Yes
Not seen if the DS is
not selected
Located in the DS and used by a program
in another DS
No
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com