Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1069 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics AN1069 Datasheet HTML 10Page - STMicroelectronics AN1069 Datasheet HTML 11Page - STMicroelectronics AN1069 Datasheet HTML 12Page - STMicroelectronics AN1069 Datasheet HTML 13Page - STMicroelectronics AN1069 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
3.4 SOFTWARE IMPLEMENTATION
3.4.1 Calling functions or manipulating data in a dynamic segment
Before calling a function or manipulating data in a Dynamic Segment we need to write the cor-
rect value in the Port 2 data register (P2DR) to select the segment. This can be done automat-
ically using a macro called “set_seg()” which is in the “extmem.h” file. This macro uses the
function name or the data address as a parameter:
set_seg(my_function_name)
set_seg(&data_name)
This macro must be used each time we want to call a function or manipulate data which is in
a dynamic Segment other than the current one. It is not necessary to use this macro to call a
function in the same dynamic segment as the caller function or to manipulate data in the same
dynamic. Nevertheless, for data manipulation is advised to set the segment using the macro
for code portability. Once this macro is implemented in your code, if you change the location
of your code to another Dynamic Segment, the segment number is computed automatically.
Nevertheless make sure you change the associated data segment too, since code cannot ac-
cess data located in another Dynamic Segment.
The number of instructions and cycles generated by this macro depends on the location of the
P2DR register, it can go from 3 bytes, 6 cycles to 5 bytes 10 cycles. Depending on the
DPRREM bit in the EMR2 Register, the P2DR register can be located in group E of the Reg-
ister File (RF) or in group F page 21 of the RF. Read the datasheet and C-compiler manual
carefully since the programming model has an impact on the DPRREM register.
3.4.2 Direct Memory Access (DMA)
The following paragraph is about DMA transfer between a peripheral and memory. There are
no restrictions on DMA transfer between a peripheral and the Register File.
In most applications, the DMA can occur at any moment during program execution. Data to be
transferred needs to be located in the Static Segment. Nevertheless, if it is really needed, we
can put the data in the Dynamic Segment. But during DMA, we can only run code in the Static
Segments or in the same Static Segment as the one where the data is located.
3.4.3 INTERRUPTS
Interrupts can occur at any time during code execution. Therefore, interrupt vectors and rou-
tines should be located in the Static Segment in order to be accessible at any time.
Nevertheless, a routine from a Dynamic Segment can be called by the interrupt routine. In this
case, refer to the datasheet to be sure you have configured your microcontroller to save the
CSR (refer to the description of the ENCSR bit in the EMR2 register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com