Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3353 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK3353
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3353 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK3353_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
1999
MOS FIELD EFFECT TRANSISTOR
2SK3353
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D14130EJ4V0DS00 (4th edition)
Date Published
July 2002 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark ! shows major revised points.
DESCRIPTION
The 2SK3353 is N-channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Super low on-state resistance:
RDS(on)1 = 9.5 m
Ω MAX. (VGS = 10 V, ID = 41 A)
RDS(on)2 = 14 m
Ω MAX. (VGS = 4 V, ID = 41 A)
• Low Ciss: Ciss = 4650 pF TYP.
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±82
A
Drain Current (pulse)
Note1
ID(pulse)
±328
A
Total Power Dissipation (TC = 25°C)
PT
95
W
Total Power Dissipation (TA = 25°C)
PT
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
45
A
Single Avalanche Energy
Note2
EAS
202
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, VDD = 30 V, RG = 25 Ω, VGS = 20
→ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3353
TO-220AB
2SK3353-S
TO-262
2SK3353-ZJ
TO-263
2SK3353-Z
TO-220SMD
Note
Note TO-220SMD package is produced only in
Japan
(TO-220AB)
(TO-262)
(TO-263, TO-220SMD)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com