Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3353 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SK3353
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3353 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SK3353_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3353_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet D14130EJ4V0DS
5
2SK3353
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0
−50
5
10
15
0
50
100
150
ID = 41 A
20
25
10 V
VGS = 4.0 V
Pulsed
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0.8
1.2
1.6
0
2.0
VSD - Source to Drain Voltage - V
0.4
Pulsed
1
10
100
1000
VGS = 10 V
VGS = 0 V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
100
0.1
1000
10000
100000
1
10
100
VGS = 0 V
f = 1 MHz
Coss
Crss
Ciss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
100
10
1
0.1
1000
10000
10
100
tf
tr
td(on)
td(off)
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
ID - Drain Current - A
di/dt = 100 A/ s
VGS = 0 V
1
0.1
10
1.0
10
100
1000
100
µ
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
00
0
40
60
20
80
100 120
140 160
20
40
60
80
100
2
4
VDS
6
10
8
VGS
VDD = 48 V
30 V
12 V
ID = 82 A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com