Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3303 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 17Page - STMicroelectronics AN3303 Datasheet HTML 18Page - STMicroelectronics AN3303 Datasheet HTML 19Page - STMicroelectronics AN3303 Datasheet HTML 20Page - STMicroelectronics AN3303 Datasheet HTML 21Page - STMicroelectronics AN3303 Datasheet HTML 22Page - STMicroelectronics AN3303 Datasheet HTML 23Page - STMicroelectronics AN3303 Datasheet HTML 24Page - STMicroelectronics AN3303 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AN3303
Layout considerations
Doc ID 18164 Rev 2
21/27
6
Layout considerations
The IC is designed with two ground pins, SGND and PGND. SGND is used as the ground
reference for all the internal high precision analog blocks. PGND, on the other hand, is the
ground reference for all the digital blocks, as well as the current return for the gate drivers.
Listed below are the main recommendations that should be taken into account when
designing the PCB:
●
Close the output current loop as short as possible by connecting the SR MOSFET
drains as close as possible to the transformer termination.
●
Route the connection between the two MOSFET drains and transformer terminals
symmetrically to each other.
●
Connect the MOSFET sources close to the output capacitor ground terminals.
●
Route the trace that connects MOSFET sources to the SRK2000 PGND pin as short as
possible and separately from the load current return path.
●
Keep the source terminals of both SR MOSFETs as close as possible to one another.
●
Design the PCB as geometrically symmetrical as possible to help make the circuit
operation as electrically symmetrical as possible.
●
The SGND pin must be directly connected to the PGND pin using a path as short as
possible (under the device body).
●
Connect the drain voltage sensing resistor as physically close to the drain terminals as
possible: any stray inductance involved by the load current that is in the drain-to-source
voltage sensing circuit may significantly alter the current reading, leading to a
premature turn-off of the SR MOSFET.
●
Use bypass ceramic capacitors between Vcc and both SGND and PGND. They should
be located as close to the IC pins as possible. Sometimes, a series resistor (in the ten)
between the converter’s output voltage and the Vcc pin, forming an RC filter along with
the bypass capacitor, is useful to get a cleaner Vcc voltage.
Figure 22.
Board layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com