Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3303 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 3Page - STMicroelectronics AN3303 Datasheet HTML 4Page - STMicroelectronics AN3303 Datasheet HTML 5Page - STMicroelectronics AN3303 Datasheet HTML 6Page - STMicroelectronics AN3303 Datasheet HTML 7Page - STMicroelectronics AN3303 Datasheet HTML 8Page - STMicroelectronics AN3303 Datasheet HTML 9Page - STMicroelectronics AN3303 Datasheet HTML 10Page - STMicroelectronics AN3303 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
AN3303
SRK2000 main characteristics
Doc ID 18164 Rev 2
7/27
Figure 3.
Power MOSFET drain voltage sensing and typical waveforms
Power losses are certainly much higher during phases a) and c), when the secondary
current flows through the SR power MOSFET body diode, than during phase b), when the
current flows through the power MOSFET channel. Therefore, minimizing phase a) and c)
duration is a good way to optimize the efficiency. In the following section, the reason circuit
parasitic elements play a fundamental role in this is described.
1.2
Drain sensing optimization
Drain voltage sensing must be very accurate to avoid disturbances and minimize the
parasitic elements that can affect it. The most important of these are shown in Figure 4.
Figure 4.
Parasitic elements model
The stray inductance of the power MOSFET leads, internal bonding (Lsource, Ldrain) and
PCB trace (Ltrace) connecting the power MOSFET to the sensing trace, introduces a
discrepancy between the sensed voltage and the actual voltage drop across RDS(on) in the
effective drain voltage sensing. The contribution of Ltrace can be minimized by connecting
the sensing trace as close as possible to the power MOSFET but Ldrain and Lsource are
power MOSFET parameters and cannot be modified externally. As shown on the left-hand
side of Figure 5, this error causes an early power MOSFET turn-off. This anticipation is
partially compensated by the RC formed by the sensing resistor R and the DVS pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com