Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3683AIN Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA3683AIN
Description  2.4GHz RF/IF Converter and Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3683AIN Datasheet(HTML) 2 Page - Intersil Corporation

  HFA3683AIN Datasheet HTML 1Page - Intersil Corporation HFA3683AIN Datasheet HTML 2Page - Intersil Corporation HFA3683AIN Datasheet HTML 3Page - Intersil Corporation HFA3683AIN Datasheet HTML 4Page - Intersil Corporation HFA3683AIN Datasheet HTML 5Page - Intersil Corporation HFA3683AIN Datasheet HTML 6Page - Intersil Corporation HFA3683AIN Datasheet HTML 7Page - Intersil Corporation HFA3683AIN Datasheet HTML 8Page - Intersil Corporation HFA3683AIN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2-2
Pinout
HFA3683A
(TQFP)
TOP VIEW
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
LNA_VCC1
GND
GND
RX_IN
GND
BIAS1_VCC1
TX_VCC1
GND
GND
GND
PE2
PE1
GND
TXA_OUT
H/L
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
RX_MX_OUT-
TX_MX_IN-
GND
RX_LO_DRIVER_VCC1
GND
LO_VCC1
GND
LO_IN-
LO_IN+
GND
TX_LO_DRIVER_VCC1
TX_MX_VCC1
TX_MX_VCC1
TX_MX_VCC1
TX_MX_OUT
TX_MX_VCC1
Pin Description
PIN
NAME
DESCRIPTION
2
LNA_VCC1
Low Noise Amplifier Positive Power Supply.
4
RX_IN
Low Noise Amplifier RF Input, internally DC coupled and requires an external blocking capacitor. A shunt capacitor to
ground matches the input for return loss and optimum NF.
6
BIAS1_VCC1
Bias Positive Power Supply for the LNA and Preamplifier.
8
H/L
High or Low Gain Select, controls the LNA high and low gain modes.
9
PE2
This pin along with pin PE1 and bit M(0) of PLL_PE determine which of various operational modes will be active. Please
refer to the Power Enable Truth Table.
10
PE1
This pin along with pin PE2 and bit M(0) of PLL_PE determine which of various operational modes will be active. Please
refer to the Power Enable Truth Table.
11
TX_VCC1
Transmit Amplifier Positive Power Supply, requires a high quality decoupling capacitor and a short return path.
13
TXA_OUT
Transmit Amplifier Output, internally matched to 50
Ω, requires an external DC blocking capacitor.
17
TX_VCC1
Transmit Amplifier Positive Power Supply.
19
TXA_IN
Transmit Amplifier Input, internally AC coupled.
21
LE
Synthesizer Latch Enable, the serial interface is active when LE is low and the serial data is latched into defined
registers on the rising edge of LE.
22
DATA
Synthesizer Serial Data Input, clocked in on the rising edge of the serial clock, MSB first.
23
CLK
Synthesizer Clock, DATA is clocked in on the rising edge of the serial clock, MSB first.
24
REF_BY
Synthesizer Reference Frequency Input Bypass, internally DC coupled and requires an external bypass to ground
when REF_IN is used as a Single Ended input, alternatively, requires an external AC coupling capacitor when used as
a differential input.
25
REF_IN
Synthesizer Reference Frequency Input, internally DC coupled and requires an external AC coupling capacitor.
HFA3683A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com